Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8588PDT-10 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8588PDT-10
Description  ARINC 429 LINE RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8588PDT-10 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8588PDT-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8588PDT-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8588PDT-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8588PDT-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8588PDT-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8588PDT-10 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-8588-10
ARINC 429 LINE RECEIVER
DESCRIPTION
FEATURES
PIN CONFIGURATION
SUPPLY VOLTAGES
FUNCTION TABLE
RINA
GND
ROUTA
ROUTB
TESTB
TESTA
VCC
RINB
2
3
4
5
6
7
8
1
vcc = 5.0V± 5%
PIN
SYMBOL
FUNCTION
DESCRIPTION
VCC
SUPPLY
5 VOLT SUPPLY
TESTA
LOGIC INPUT
CMOS
RINB
ARINC INPUT
RECEIVERB INPUT
RINA
ARINC INPUT
RECEIVERA INPUT
GND
POWER
GROUND
ROUTA
LOGIC OUTPUT
RECEIVER CMOS OUTPUT A
ROUTB
LOGIC OUTPUT
RECEIVER CMOS OUTPUT B
TESTB
LOGIC INPUT
CMOS
PIN DESCRIPTION TABLE
The HI-8588-10 ARINC 429 bus interface receiver is simi-
lar to the HI-8588 with the exception that it allows an exter-
nal 10 Kohm resistor in series with each ARINC input with-
out affecting the ARINC input thresholds. The product is
especially useful in applications where lightning protection
circuitry is also required. In addition, the test inputs force
both of the outputs to zero instead open circuit. The ana-
log/digital CMOS product requires onlya5 volt supply and
is available ina SO8 pin package.
Each side of the ARINC bus
be connected through a
10 Kohm series resistor in order for the chip to detect the
correct ARINC levels. The typical 10 volt differential signal
is translated and input toa window comparator and latch.
The comparator levels are set so that with the external
10 Kohm resistors they are just below the standard 6.5 volt
minimum ARINC data threshold and just above the stan-
dard 2.5 voltmaximum ARINC null threshold.
The TESTA and TESTB inputs bypass the analog inputs
for testing purposes. Also if TESTA and TESTB are both
taken high, the digital outputs are forced to zero.
must
January 2001
(DS8588-10 Rev. A)
01/01
HOLT INTEGRATED CIRCUITS
1


Similar Part No. - HI-8588PDT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8588PDT-10 HOLTIC-HI-8588PDT-10 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
More results

Similar Description - HI-8588PDT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588 HOLTIC-HI-8588 Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10_14 Datasheet
63Kb / 7P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10_06 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com