Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8581PQT Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8581PQT
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8581PQT Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8581PQT Datasheet HTML 1Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-8581PQT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HI-8581
PIN CONFIGURATION (Top View)
GENERAL DESCRIPTION
The HI-8581 device from Holt Integrated Circuits isa silicon
gate CMOS device for interfacinga 16-bit parallel data bus
directly to the ARINC 429 serial bus. The device provides
two receivers, an independent transmitter and line driver
capability ina single package. The receiver input circuitry
and logic are designed to meet the ARINC 429
specifications for loading, level detection, timing, and
protocol. The transmitter section provides the ARINC 429
communication protocol and the line driver circuits provide
the ARINC 429 output levels.
The 16-bit parallel data bus exchanges the32-bit ARINC
data word in two steps when either loading the transmitter
or interrogating the receivers. The data bus interfaces with
CMOS and TTL.
Timing of all the circuitry begins with the master clock input,
CLK.
For ARINC 429 applications, the master clock
frequency is1 MHz.
Each independent receiver monitors the data stream witha
sampling rate 10 times the data rate. The sampling rate is
software selectable at either 1MHz or 125KHz. The results
ofa parity check are available as the 32nd ARINC bit. The
HI-8581 examines the null and data timings and will reject
erroneous patterns. For example, witha 125 KHz clock
selection, the data frequency must be between 10.4 KHz
and 15.6 KHz.
The transmitter hasa First In, First Out (FIFO) memory to
store8 ARINC words for transmission. The data rate of the
transmitter is software selectable by dividing the master
clock, CLK, by either 10 or 80. The master clock is used to
set the timing of the ARINC transmission within the required
resolution.
APPLICATIONS
!
!
!
Avionics data communication
Serial to parallel conversion
Parallel to serial conversion
FEATURES
!
!
!
!
!
!
!
!
!
!
!
ARINC specification 429 compatible
Direct receiver and transmitter interface to
ARINC bus ina single device.
16-Bit parallel data bus.
Timing control 10 times the data rate
Selectable data clocks
Receiver error rejection per ARINC
specification 429
Automatic transmitter data timing
Self test mode
Parity functions
Low power
Industrial& full military temperature ranges
June 2001
33-
32- N/C
31- V+
30- TXB(OUT)
29- TXA(OUT)
28- V-
27- GND
26- TX/R
25-
24-
23-
ENTX
BD00
PL2
PL1
429DI2(B) -1
-2
-3
SEL -4
-5
-6
BD15 -7
BD14 -8
BD13 -9
BD12- 10
BD11- 11
D/R1
D/R2
EN1
EN2
HI-8581PQI
&
HI-8581PQT
HOLT INTEGRATED CIRCUITS
1
(DS8581 Rev. A)
06/01
(See page 13 for additional pin configurations)


Similar Part No. - HI-8581PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581PQT HOLTIC-HI-8581PQT Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581PQT HOLTIC-HI-8581PQT Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581PQT-10 HOLTIC-HI-8581PQT-10 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581PQT-10 HOLTIC-HI-8581PQT-10 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581PQTF HOLTIC-HI-8581PQTF Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
More results

Similar Description - HI-8581PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com