Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8583PQI Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8583PQI
Description  ARINC 429 SYSTEM ON A CHIP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8583PQI Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8583PQI Datasheet HTML 1Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 2Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SIGNAL
FUNCTION
DESCRIPTION
VDD
POWER
+5V ±%
BD05
I/O
Data Bus
BD04
I/O
Data Bus
BD03
I/O
Data Bus
BD02
I/O
Data Bus
5
RIN1A
INPUT
ARINC receiver1 positive input
RIN1B
INPUT
ARINC receiver1 negative input
RIN2A
INPUT
ARINC receiver2 positive input
RIN2B
INPUT
ARINC receiver2 negative input
OUTPUT
Receiver1 data ready flag
OUTPUT
FIFO full Receiver1
OUTPUT
FIFO Half full, Receiver1
OUTPUT
Receiver2 data ready flag
OUTPUT
FIFO full Receiver2
OUTPUT
FIFO Half full, Receiver2
SEL
INPUT
Receiver data byte selection (0= BYTE 1) (1= BYTE 2)
INPUT
Data Bus control, enables receiver1 data to outputs
INPUT
Data Bus control, enables receiver2 data to outputs if
is high
BD15
I/O
Data Bus
BD14
I/O
Data Bus
BD13
I/OData Bus
BD12
I/O
Data Bus
BD11
I/O
Data Bus
BD10
I/O
Data Bus
BD09
I/O
Data Bus
BD08
I/O
Data Bus
BD07
I/O
Data Bus
BD06
I/O
Data Bus
GND
POWER
0V
BD01
I/O
Data Bus
BD00
I/O
Data Bus
INPUT
Latch enable for byte1 entered from data bus to transmitter FIFO.
INPUT
Latch enable for byte2 entered from data bus to transmitter FIFO. Must follow
TX/R
OUTPUT
Transmitter ready flag. Goes low when ARINC word loaded into FIFO. Goes high
after transmission and FIFO empty.
OUTPUT
Transmitter FIFO Half Full
OUTPUT
Transmitter FIFO Full
V-
POWER
-9.5V to -12.6V
TXAOUT
OUTPUT
Line driver output-A side
TXBOUT
OUTPUT
Line driver output-B side
V+
POWER
+9.5V to +12.6V
ENTX
INPUT
Enable Transmission
INPUT
Clock for control word register
INPUT
Read Status Register if SEL=0, read Control Register if SEL=1
INPUT
No frequency discrimination if low (pull-up)
CLK
INPUT
Master Clock input
TX CLK
OUTPUT
Transmitter Clock equal to Master Clock (CLK), divided by either 10 or 80.
INPUT
Master Reset, active low
TEST
INPUT
Disable Transmitter output if high (pull-down)
D/R1
FF1
HF1
D/R2
FF2
HF2
EN1
EN2
EN1
PL1
PL2
PL1.
HFT
FFT
CWSTR
RSR
NFD
MR
PIN DESCRIPTIONS
HI-8582, HI-8583
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8583PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8583PQI HOLTIC-HI-8583PQI Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8583PQI HOLTIC-HI-8583PQI Datasheet
236Kb / 16P
   ARINC 429 System on a Chip
HI-8583PQI-10 HOLTIC-HI-8583PQI-10 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8583PQI-10 HOLTIC-HI-8583PQI-10 Datasheet
236Kb / 16P
   ARINC 429 System on a Chip
HI-8583PQIF HOLTIC-HI-8583PQIF Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
More results

Similar Description - HI-8583PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8582 HOLTIC-HI-8582_13 Datasheet
236Kb / 16P
   ARINC 429 System on a Chip
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585 Datasheet
132Kb / 7P
   ARINC 429 LIN DRIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com