Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8482DT Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8482DT
Description  ARINC 429 DUAL LINE RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8482DT Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8482DT Datasheet HTML 1Page - Holt Integrated Circuits HI-8482DT Datasheet HTML 2Page - Holt Integrated Circuits HI-8482DT Datasheet HTML 3Page - Holt Integrated Circuits HI-8482DT Datasheet HTML 4Page - Holt Integrated Circuits HI-8482DT Datasheet HTML 5Page - Holt Integrated Circuits HI-8482DT Datasheet HTML 6Page - Holt Integrated Circuits HI-8482DT Datasheet HTML 7Page - Holt Integrated Circuits HI-8482DT Datasheet HTML 8Page - Holt Integrated Circuits HI-8482DT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DIFF
AMP
TESTA
TESTB
INA
CAPA
INB
CAPB
Comp
LEVEL
SHIFT
LEVEL
SHIFT
Comparators
w/ hysteresis
Comp
Detect
Level
Detect
Level
FUNCTIONAL DESCRIPTION
The HI-8482 contains two independent ARINC 429 receive
channels. The diagram in Figure1 illustratesa typical HI-
8482 receive channel.
The differential ARINC signal input is converted toa positive
signal referenced to ground through level shifters and a
unity gain differential amplifier.
A positive differential input signal is converted toa positive
signal on the plus output of the differential amplifier. This
output is proportional in amplitude to the original input
signal. At the same time, the corresponding MINUS output
is pulled to GND. Likewise whena negative input signal is
present at the ARINC inputs,a positive signal is present on
the MINUS output and the PLUS output is pulled to GND.
The outputs of the differential amplifier are compared with
the ONE, ZERO and NULL threshold levels to produce the
appropriate logic level on the OUTA and OUTB outputs of
the device.
The ARINC clock signal may be recovered
througha NOR function of OUTA and OUTB.
The test inputs logically disconnect the outputs of the
comparators from OUTA and OUTB and force the device
outputs to one of the three valid states (Figure 5). This
alleviates having to ground the ARINC inputs during test
mode operation.
ARINC LEVELS
The ARINC 429 specification requires the following
detection levels:
ONE
+6.5V to +13V
NULL
+2.5V to -2.5V
ZERO
-6.5V to -13V
The HI-8482 guarantees recognition of these levels with a
common mode voltage with respect to GND less than
±5V for the worst case condition.
STATE
DIFFERENTIAL VOLTAGE
NOISE
The input hysteresis is set to reject voltage level transitions
in the undefined region between the maximum ZERO level
and the minimum NULL level and the undefined region
between the maximum NULL level and the minimum ONE
level.
Therefore, oncea valid input differential voltage
threshold is detected, the outputs will remain ata valid logic
state untila new valid input voltage is detected.
In addition to the hysteresis, the CapA and CapB pinsmake
it possible to add simple RC filters to the ARINC inputs.
HI-8482
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8482DT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482DT HOLTIC-HI-8482DT Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
More results

Similar Description - HI-8482DT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com