Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32AP7001 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT32AP7001
Description  High Performance, Low Power AVR32 32-Bit Microcontroller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7001 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT32AP7001_14 Datasheet HTML 1Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 2Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 3Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 4Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 5Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 6Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 7Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 8Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
2
32015GS–AVR32–09/09
AT32AP7001
1.
Part Description
The AT32AP7001 is a complete System-on-chip application processor with an AVR32 RISC
processor achieving 210 DMIPS running at 150 MHz. AVR32 is a high-performance 32-bit RISC
microprocessor core, designed for cost-sensitive embedded applications, with particular empha-
sis on low power consumption, high code density and high application performance.
AT32AP7001 implements a Memory Management Unit (MMU) and a flexible interrupt controller
supporting modern operating systems and real-time operating systems. The processor also
includes a rich set of DSP and SIMD instructions, specially designed for multimedia and telecom
applications.
AT32AP7001 incorporates SRAM memories on-chip for fast and secure access. For applica-
tions requiring additional memory, external 16-bit SRAM is accessible. Additionally, an SDRAM
controller provides off-chip volatile memory access as well as controllers for all industry standard
off-chip non-volatile memories, like Compact Flash, Multi Media Card (MMC), Secure Digital
(SD)-card, SmartCard, NAND Flash and Atmel DataFlash™.
The Direct Memory Access controller for all the serial peripherals enables data transfer between
memories without processor intervention. This reduces the processor overhead when transfer-
ring continuous and large data streams between modules in the MCU.
The Timer/Counters includes three identical 16-bit timer/counter channels. Each channel can be
independently programmed to perform a wide range of functions including frequency measure-
ment, event counting, interval measurement, pulse generation, delay timing and pulse width
modulation.
A pixel co-processor provides color space conversions for images and video, in addition to a
wide variety of hardware filter support
Synchronous Serial Controllers provide easy access to serial communication protocols, audio
standards like I2S and frame-based protocols.
The Java hardware acceleration implementation in AVR32 allows for a very high-speed Java
byte-code execution. AVR32 implements Java instructions in hardware, reusing the existing
RISC data path, which allows for a near-zero hardware overhead and cost with a very high
performance.
The Image Sensor Interface supports cameras with up to 12-bit data buses.
PS2 connectivity is provided for standard input devices like mice and keyboards.
AT32AP7001 integrates a class 3 Nexus 2.0 On-Chip Debug (OCD) System, with non-intrusive
real-time trace, full-speed read/write memory access in addition to basic runtime control.
The C-compiler is closely linked to the architecture and is able to utilize code optimization fea-
tures, both for size and speed.


Similar Part No. - AT32AP7001_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7001 ATMEL-AT32AP7001_1 Datasheet
12Mb / 829P
   AVR32 32-bit Microcontroller
More results

Similar Description - AT32AP7001_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com