Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8501AG-CA Datasheet(PDF) 11 Page - NEC

Part # NX8501AG-CA
Description  1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8501AG-CA Datasheet(HTML) 11 Page - NEC

Back Button NX8501AG-CA Datasheet HTML 4Page - NEC NX8501AG-CA Datasheet HTML 5Page - NEC NX8501AG-CA Datasheet HTML 6Page - NEC NX8501AG-CA Datasheet HTML 7Page - NEC NX8501AG-CA Datasheet HTML 8Page - NEC NX8501AG-CA Datasheet HTML 9Page - NEC NX8501AG-CA Datasheet HTML 10Page - NEC NX8501AG-CA Datasheet HTML 11Page - NEC NX8501AG-CA Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet P13854EJ3V0DS00
11
NX8501 Series
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a
harmful substance if ingested. Please do not under any circumstances break the
hermetic seal.
DANGER
INVISIBLE LASER RADIATION
AVOID DIRECT EXPOSURE TO BEAM
OUTPUT POWER
mW MAX
WAVELENGTH
nm
CLASS lllb LASER PRODUCT
AVOID EXPOSURE-Invisible
Laser Radiation is emitted from
this aperture
NEC Corporation
NEC Building, 7-1, Shiba 5-chome,
Minato-ku, Tokyo 108-01, Japan
Type number:
Manufactured:
Serial Number:
This product conforms to FDA
regulations as applicable
to standards 21 CFR Chapter 1.
Subchapter J.
SEMICONDUCTOR LASER


Similar Part No. - NX8501AG-CA

ManufacturerPart #DatasheetDescription
logo
NEC
NX8501 NEC-NX8501 Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
65Kb / 12P
   InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
More results

Similar Description - NX8501AG-CA

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
California Eastern Labs
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NX7660JC NEC-NX7660JC Datasheet
65Kb / 12P
   InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com