Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201CNQ035 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 201CNQ035
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

201CNQ035 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  201CNQ035 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 201CNQ035 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 201CNQ035 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 201CNQ035 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1188, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
201CNQ SERIES
201CNQ035/201CNQ040/201CNQ045/201CNQ050
SCHOTTKY RECTIFIER
Applications:
● High current switching power supply ● Plating power supply ● Free-Wheeling diodes
● Reverse battery protection ● Converters ● UPS System ● Welding
Features:
175 ℃ TJ operation
Center tap module
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm/ Inches
PRM4 (Non-Isolated)
MARKING,MOLDING RESIN
Marking for 201CNQ035/040/045/050, 1
st row SS YYWWL, 2nd row 201CNQ035/040/045/050
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0


Similar Part No. - 201CNQ035

ManufacturerPart #DatasheetDescription
logo
International Rectifier
201CNQ035 IRF-201CNQ035 Datasheet
135Kb / 5P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
201CNQ035 MICROSEMI-201CNQ035 Datasheet
122Kb / 2P
   Schottky PowerMod
logo
Sangdest Microelectroni...
201CNQ035 SMC-201CNQ035 Datasheet
209Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results

Similar Description - 201CNQ035

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com