Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8482ST Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8482ST
Description  ARINC 429 DUAL LINE RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8482ST Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8482ST Datasheet HTML 1Page - Holt Integrated Circuits HI-8482ST Datasheet HTML 2Page - Holt Integrated Circuits HI-8482ST Datasheet HTML 3Page - Holt Integrated Circuits HI-8482ST Datasheet HTML 4Page - Holt Integrated Circuits HI-8482ST Datasheet HTML 5Page - Holt Integrated Circuits HI-8482ST Datasheet HTML 6Page - Holt Integrated Circuits HI-8482ST Datasheet HTML 7Page - Holt Integrated Circuits HI-8482ST Datasheet HTML 8Page - Holt Integrated Circuits HI-8482ST Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TYPICAL APPLICATIONS
APPLICATIONS
The standard connections for the HI-8482 are shown in Figure 2.
Decoupling of the supply should be done near the IC to avoid
propagation of noise spikes due to switching transients.
The
ground (GND) connection should be sturdy and isolated from large
switching currents to providea quiet ground reference.
The HI-8482 can be used with HI-8382 or HI-8585 Line Drivers to
providea complete analog ARINC 429 interface solution. A simple
application, which can be used in systems requiringa repeater
type circuit for long transmissions or for test interfaces, is given in
Figure 3. More HI-8382 or HI-8585 drivers may be added to test
multiple ARINC channels, as shown.
ARINC RECEIVER STANDARD CONNECTIONS
+5V
+15V
HI-8482
ARINC
CHANNEL 2
LOGIC
TEST
INPUTS
N/C
N/C
OUT2A
OUT1A
OUT1B
A
B
A
B
39 pF
39 pF
39 pF
39 pF
IN1A
IN1B
CAP1A
CAP1B
IN2A
IN2B
CAP2A
CAP2B
TESTA
TESTB
ARINC
CHANNEL 1
CHANNEL 1
DATA OUT
TO LOGIC
CHANNEL 2
DATA OUT
TO LOGIC
-15V
ARINC REPEATER CIRCUIT
ARINC
OUTPUT
CHANNEL 1
ARINC
OUTPUT
CHANNEL 2
ARINC
INPUT
CHANNEL
DATA (A)
DATA (B)
DATA (A)
DATA (B)
OUT1A
OUT1B
IN1A
IN1B
AOUT
BOUT
AOUT
BOUT
A
B
A
B
OUT2B
HI-8482
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8482ST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482ST HOLTIC-HI-8482ST Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
More results

Similar Description - HI-8482ST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com