Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-30511 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # AT-30511
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-30511 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button AT-30511 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-30511 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-30511 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-30511 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-30511 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-30511 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-30511 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-30511 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT-30511 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-30
AT-30533 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, 5 V, IC = 1 mA
Γ
OPT
Freq
Fmin[1]
Rn
GHz
dB
Mag
Ang
0.5[2]
0.3
0.94
7
1.02
0.9
0.4
0.89
16
0.98
1.8
0.9
0.75
43
0.58
2.4
1.3
0.65
65
0.38
Notes:
1. Matching constraints may make Fmin values associated with high |ΓOPT| values
unachievable in physical circuits. See Figure 2 for expected performance.
2. 0.5 GHz noise parameter values are extrapolated, not measured.
AT-30533 Typical Scattering Parameters, V
CE = 5 V, IC = 1 mA, Common Emitter, ZO = 50 Ω
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.96
-5
10.59
3.38
174
-39.38
0.01
85
0.999
-2
0.5
0.92
-22
10.07
3.19
151
-26.22
0.05
74
0.95
-13
0.9
0.79
-37
9.32
2.92
131
-21.99
0.08
65
0.91
-21
1.0
0.77
-41
8.94
2.80
127
-21.21
0.09
63
0.90
-23
1.5
0.60
-57
7.76
2.44
106
-19.02
0.11
56
0.83
-30
1.8
0.51
-64
7.01
2.24
95
-18.16
0.12
54
0.80
-33
2.0
0.46
-69
6.61
2.14
89
-17.66
0.13
52
0.78
-35
2.4
0.35
-76
5.59
1.90
77
-16.85
0.14
51
0.75
-39
3.0
0.23
-83
4.43
1.66
61
-15.58
0.17
51
0.72
-43
4.0
0.07
-85
2.92
1.40
41
-13.34
0.22
52
0.69
-53
5.0
0.07
38
1.79
1.23
23
-10.85
0.29
49
0.67
-65
AT-30511 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, 5 V, IC = 1 mA
Γ
OPT
Freq
Fmin[1]
Rn
GHz
dB
Mag
Ang
0.5[2]
0.3
0.96
10
1.49
0.9
0.4
0.92
19
1.33
1.8
0.9
0.83
43
0.98
2.4
1.3
0.76
60
0.74
Notes:
1. Matching constraints may make Fmin values associated with high |Γopt| values
unachievable in physical circuits. See Fig. 2 for expected performance.
2. 0.5 GHz noise parameter values are extrapolated, not measured.
AT-30511 Typical Scattering Parameters, V
CE = 5 V, IC = 1 mA, Common Emitter, ZO = 50 Ω
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.98
-5
10.56
3.37
175
-40.34
0.01
87
0.999
-2
0.5
0.96
-21
10.30
3.27
157
-26.99
0.04
74
0.96
-13
0.9
0.88
-37
9.83
3.10
139
-22.52
0.07
64
0.93
-22
1.0
0.85
-41
9.57
3.01
136
-21.75
0.08
62
0.92
-24
1.5
0.74
-59
8.71
2.73
116
-19.23
0.11
51
0.86
-33
1.8
0.67
-69
8.13
2.55
106
-18.34
0.12
45
0.82
-38
2.0
0.63
-75
7.88
2.48
100
-17.85
0.13
42
0.80
-41
2.4
0.55
-88
6.90
2.21
87
-17.23
0.14
37
0.77
-45
3.0
0.43
-106
5.79
1.95
71
-16.53
0.15
31
0.72
-50
4.0
0.31
-138
4.29
1.64
49
-15.83
0.16
23
0.67
-60
5.0
0.25
178
3.04
1.42
29
-15.38
0.17
20
0.64
-69
0
0
FREQUENCY (GHz)
23
30
15
10
4
20
MSG
MAG
S21
MSG
Figure 24. AT-30533 Gains vs.
Frequency at VCE = 5 V, IC = 1 mA.
0
0
FREQUENCY (GHz)
23
30
15
10
4
20
MSG
MAG
S21
Figure 23. AT-30511 Gains vs.
Frequency at VCE = 5 V, IC = 1 mA.


Similar Part No. - AT-30511

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-30511 AVAGO-AT-30511 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
More results

Similar Description - AT-30511

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com