Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-30533 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # AT-30533
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-30533 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button AT-30533 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-30533 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-30533 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-30533 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-30533 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-30533 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-30533 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-30533 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT-30533 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-28
AT-30533 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, 2.7 V, IC = 1 mA
Γ
OPT
Freq
Fmin[1]
Rn
GHz
dB
Mag
Ang
0.5[2]
0.3
0.94
7
1.02
0.9
0.4
0.89
16
0.88
1.8
0.9
0.75
43
0.58
2.4
1.3
0.65
65
0.38
Notes:
1. Matching constraints may make Fmin values associated with high |Γopt| values
unachievable in physical circuits. See Fig. 2 for expected performance.
2. 0.5 GHz noise parameter values are extrapolated, not measured.
AT-30511 Typical Scattering Parameters, V
CE = 2.7 V, IC = 1 mA, Common Emitter, ZO = 50 Ω
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.97
-5
10.88
3.50
175
-40.13
0.01
86
0.999
-2
0.5
0.95
-23
10.58
3.38
156
-26.71
0.05
74
0.96
-13
0.9
0.86
-39
10.09
3.20
139
-22.28
0.08
63
0.93
-23
1.0
0.84
-43
9.83
3.10
135
-21.51
0.08
60
0.92
-25
1.5
0.72
-63
8.94
2.80
115
-19.15
0.11
49
0.85
-34
1.8
0.65
-73
8.32
2.60
105
-18.28
0.12
43
0.82
-38
2.0
0.61
-80
8.06
2.53
99
-17.83
0.13
40
0.79
-41
2.4
0.52
-93
7.06
2.25
86
-17.29
0.14
35
0.75
-46
3.0
0.41
-114
5.92
1.98
70
-16.72
0.15
30
0.70
-51
4.0
0.30
-150
4.35
1.65
48
-16.13
0.16
23
0.66
-61
5.0
0.26
165
3.06
1.42
28
-15.65
0.16
22
0.63
-69
AT-30511 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, 2.7 V, IC = 1 mA
Γ
OPT
Freq
Fmin[1]
Rn
GHz
dB
Mag
Ang
0.5[2]
0.3
0.96
10
1.49
0.9
0.4
0.92
19
1.33
1.8
0.9
0.83
43
0.98
2.4
1.3
0.76
60
0.74
Notes:
1. Matching constraints may make Fmin values associated with high |Γopt| values
unachievable in physical circuits. See Fig. 2 for expected performance.
2. 0.5 GHz noise parameter values are extrapolated, not measured.
AT-30533 Typical Scattering Parameters, V
CE = 2.7 V, IC = 1 mA, Common Emitter, ZO = 50 Ω
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.95
-5
10.76
3.45
174
-39.49
0.01
87
0.999
-2
0.5
0.92
-23
10.21
3.24
151
-26.05
0.05
74
0.95
-13
0.9
0.78
-39
9.42
2.96
130
-21.78
0.08
64
0.91
-22
1.0
0.75
-42
9.04
2.83
126
-21.05
0.09
63
0.90
-23
1.5
0.58
-59
7.83
2.46
105
-18.88
0.11
55
0.83
-31
1.8
0.49
-66
7.04
2.25
94
-18.08
0.12
53
0.79
-34
2.0
0.44
-71
6.64
2.15
88
-17.58
0.13
52
0.77
-36
2.4
0.33
-79
5.59
1.90
76
-16.77
0.15
51
0.74
-39
3.0
0.21
-87
4.40
1.66
60
-15.50
0.17
51
0.71
-44
4.0
0.05
-88
2.87
1.39
40
-13.20
0.22
52
0.68
-54
5.0
0.09
47
1.72
1.22
22
-10.67
0.29
49
0.66
-66
Figure 19. AT-30511 Gains vs.
Frequency at VCE = 2 .7 V, IC = 1 mA.
0
0
FREQUENCY (GHz)
23
30
15
10
4
20
MSG
MAG
S21
Figure 20. AT-30511- Gains vs.
Frequency at VCE = 2 .7 V, IC = 1 mA.
0
0
FREQUENCY (GHz)
23
30
15
10
4
20
MSG
MAG
S21
MSG


Similar Part No. - AT-30533

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AT-30533 BOARDCOM-AT-30533 Datasheet
278Kb / 10P
   Low Current, High Performance NPN
logo
AVAGO TECHNOLOGIES LIMI...
AT-30533 AVAGO-AT-30533 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
More results

Similar Description - AT-30533

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com