Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-33225 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AT-33225
Description  4.8 V NPN Common Emitter Output Power Transistor for AMPS, ETACS Phones
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-33225 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AT-33225 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-33225 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-33225 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-33225 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-33225 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-33225 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-33225 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-33225 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-33225 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-73
AT-33225 Typical Performance, T
C = 25°C
Frequency = 900 MHz, VCE = 4.8 V, ICQ = 6 mA, CW operation, Test Circuit A (ETACS/ISM), unless otherwise specified.
6
9
12
33
15
18
21
24
27
30
0
10
20
30
40
90
80
50
60
70
214
610
18
24
22
INPUT POWER (dBm)
Figure 1. Output Power and Collector
Efficiency vs. Input Power.
0
10
15
5
20
35
30
25
INPUT POWER (dBm)
Figure 2. Output Power vs. Input
Power Over Bias Voltage.
0
20
10
30
40
90
80
70
50
60
INPUT POWER (dBm)
Figure 3. Collector Efficiency vs.
Input Power Over Bias Voltage.
Figure 5. IMD3, IMD5 vs. Output
Power Per Tone.
Figure 6. Input and Output Return
Loss vs. Frequency.
214
610
18
24
22
214
610
18
24
22
214
610
18
24
22
Pout
ηc
Γsource = 0.82 ∠ -163
Γload = 0.67 ∠ -174
Γsource = 0.82 ∠ -163
Γload = 0.67 ∠ -174
6
14
10
18
22
34
26
30
INPUT POWER (dBm)
Figure 4. Output Power vs. Input
Power Over Temperature.
T
C = +85°C
T
C = +25°C
T
C = –40°C
3.6 V
4.8 V
6.0 V
Γsource = 0.82 ∠ -163
Γload = 0.67 ∠ -174
3.6 V
4.8 V
6.0 V
Γsource = 0.82 ∠ -163
Γload = 0.67 ∠ -174
Γsource = 0.82 ∠ -163
Γload = 0.67 ∠ -174
-45
-40
-35
-30
-15
-25
-20
OUTPUT POWER/TONE (dBm)
11
17
13
15
19
21
25
27
23
IMD3
IMD5
Γsource = 0.82 ∠ -163
Γload = 0.67 ∠ -174
-30
-25
-20
-15
5
-10
-5
0
FREQUENCY (MHz)
800
850
950
1000
900
Output R.L.
Input R.L.


Similar Part No. - AT-33225

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-332 MACOM-AT-332 Datasheet
114Kb / 2P
   Voltage Variable Absorptive Attenuator DC - 2 GHz
More results

Similar Description - AT-33225

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-36408 HP-AT-36408 Datasheet
104Kb / 8P
   4.8 V NPN Common Emitter Output Power Transistor for GSM Class IV Phones
AT-31625 HP-AT-31625 Datasheet
117Kb / 10P
   4.8 V NPN Common Emitter Medium Power Output Transistor
AT-38086 HP-AT-38086 Datasheet
130Kb / 10P
   4.8 V NPN Silicon Bipolar Common Emitter Transistor
logo
RF Micro Devices
RF2131 RFMD-RF2131 Datasheet
84Kb / 10P
   HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
logo
NTE Electronics
NTE916 NTE-NTE916 Datasheet
23Kb / 2P
   Integrated Circuit High Current, NPN Transistor Array, Common Emitter
logo
Rohm
EMG4 ROHM-EMG4_15 Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
EMG3 ROHM-EMG3 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG5 ROHM-EMG5 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMA4 ROHM-EMA4_15 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
EMA3 ROHM-EMA3 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com