Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-36408 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AT-36408
Description  4.8 V NPN Common Emitter Output Power Transistor for GSM Class IV Phones
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-36408 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AT-36408 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-36408 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-83
AT-36408 Typical Performance, T
C = 25°C
Frequency = 900 MHz, VCE = 4.8 V, ICQ = 50 mA, pulsed operation, pulse width = 577 µsec, duty cycle = 12.5%,
Test Circuit A (GSM), unless otherwise specified.
14
18
38
34
22
26
30
5
20
35
95
80
50
65
618
16
10
814
12
22
20
28
26
24
INPUT POWER (dBm)
Figure 1. Output Power and Collector
Efficiency vs. Input Power.
13
23
28
18
33
38
INPUT POWER (dBm)
Figure 2. Output Power vs. Input
Power Over Bias Voltage.
0
20
10
30
40
80
70
50
60
INPUT POWER (dBm)
Figure 3. Collector Efficiency vs.
Input Power Over Bias Voltage.
Figure 5. Output Power and
Collector Efficiency vs. Frequency.
Note:
Tuned at 900 MHz, then swept over frequency.
Figure 6. Input and Output Return
Loss vs. Frequency.
15
21
17
19
23
28
27
25
612
810
14
20
16 18
22
26
24
Pout
Γsource = 0.88 ∠ -171
Γload = 0.85 ∠ +172
Γsource = 0.88 ∠ -171
Γload = 0.85 ∠ +172
27
29
30
31
28
32
33
36
34
35
INPUT POWER (dBm)
Figure 4. Output Power vs. Input
Power Over Temperature.
T
C = +85°C
T
C = +25°C
T
C = –40°C
3.6 V
4.8 V
6.0 V
Γsource = 0.88 ∠ -171
Γload = 0.85 ∠ +172
3.6 V
4.8 V
6.0 V
Γsource = 0.88 ∠ -171
Γload = 0.85 ∠ +172
Γsource = 0.88 ∠ -171
Γload = 0.85 ∠ +172
34.0
34.2
34.4
34.6
36.0
34.8
35.0
35.2
35.4
35.6
35.8
55
59
75
63
67
71
FREQUENCY (MHz)
880
Γsource = 0.88 ∠ -171
Γload = 0.85 ∠ +172
-25
-20
-15
-10
0
-5
FREQUENCY (MHz)
800
850
950
1000
900
890
910
920
900
Output R.L.
Input R.L.
ηc
618
16
10
814
12
22
20
28
26
24
Pout
Pin = +26 dBm
ηc


Similar Part No. - AT-36408

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-303 HIROSE-AT-303 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
logo
Projects Unlimited, Inc...
AT-3035-TT-R PUI-AT-3035-TT-R Datasheet
277Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-3037-TT-R PUI-AT-3037-TT-R Datasheet
210Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-3045-TF-LW110-R PUI-AT-3045-TF-LW110-R Datasheet
190Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
logo
PUI audio inc.
AT-3045-TF-LW110-R PUIAUDIO-AT-3045-TF-LW110-R Datasheet
529Kb / 3P
   30mm diameter piezo-electric transducer with 110mm 28 AWG UL 1095 wire leads
More results

Similar Description - AT-36408

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-33225 HP-AT-33225 Datasheet
118Kb / 10P
   4.8 V NPN Common Emitter Output Power Transistor for AMPS, ETACS Phones
AT-31625 HP-AT-31625 Datasheet
117Kb / 10P
   4.8 V NPN Common Emitter Medium Power Output Transistor
AT-38086 HP-AT-38086 Datasheet
130Kb / 10P
   4.8 V NPN Silicon Bipolar Common Emitter Transistor
logo
GHz Technology
UTV005 GHZTECH-UTV005 Datasheet
383Kb / 3P
   COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
UTV200 GHZTECH-UTV200 Datasheet
265Kb / 3P
   COMMON EMITTER transistor 20 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
logo
Siemens Semiconductor G...
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
Sony Corporation
CXM3542ER SONY-CXM3542ER Datasheet
210Kb / 14P
   3P9T Antenna Switch for GSM/CDMA Dual Mode Phones
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
logo
NTE Electronics
NTE916 NTE-NTE916 Datasheet
23Kb / 2P
   Integrated Circuit High Current, NPN Transistor Array, Common Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com