Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-32033-TR1 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # AT-32033-TR1
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-32033-TR1 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button AT-32033-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-32033-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-32033-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-32033-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-32033-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-32033-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-32033-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-32033-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT-32033-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-58
AT-32011 Typical Scattering Parameters, Common Emitter, Zo = 50
VCE = 2.7 V, IC = 2 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.94
-13
16.67
6.81
170
-35.25
0.017
82
0.99
-6
0.5
0.80
-60
15.10
5.69
136
-23.07
0.070
57
0.86
-24
0.9
0.67
-97
12.97
4.45
112
-20.34
0.096
41
0.73
-35
1.0
0.64
-104
12.48
4.21
107
-20.05
0.099
39
0.70
-37
1.5
0.55
-137
10.04
3.18
86
-19.21
0.110
30
0.61
-45
1.8
0.51
-154
8.77
2.75
76
-19.04
0.112
28
0.58
-49
2.0
0.50
-165
8.13
2.55
70
-18.99
0.112
27
0.56
-52
2.4
0.48
176
6.75
2.18
58
-18.84
0.114
27
0.54
-57
3.0
0.49
150
4.97
1.77
43
-18.52
0.119
30
0.52
-64
4.0
0.54
116
2.73
1.37
22
-16.98
0.142
36
0.50
-77
5.0
0.61
92
0.83
1.10
4
-14.50
0.188
37
0.50
-95
AT-32011 Typical Noise Parameters,
Common Emitter, Zo = 50
Ω, 2.7 V, I
C = 2 mA
Freq.
Fmin
Rn
GHz
dB
Mag
Ang
0.5[1]
0.57
0.69
22
0.30
0.9
0.78
0.60
51
0.25
1.8
1.25
0.42
117
0.14
2.4
1.57
0.44
159
0.08
Note:
1. 0.5 GHz noise parameter values are extrapolated, not measured.
Γ
opt
AT-32033 Typical Scattering Parameters, Common Emitter, Zo = 50
Ω V
CE = 2.7 V, IC = 2 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.93
-13
16.61
6.77
167
-34.89
0.018
82
0.99
-6
0.5
0.68
-56
14.29
5.18
127
-23.10
0.070
61
0.83
-22
0.9
0.44
-86
11.48
3.75
101
-20.35
0.096
55
0.71
-30
1.0
0.39
-93
10.88
3.50
96
-19.91
0.101
54
0.70
-31
1.5
0.23
-129
8.16
2.56
76
-17.99
0.126
55
0.64
-36
1.8
0.18
-156
6.89
2.21
66
-16.89
0.143
57
0.62
-39
2.0
0.16
-176
6.19
2.04
60
-16.14
0.156
57
0.61
-42
2.4
0.17
146
4.91
1.76
50
-14.70
0.184
58
0.60
-47
3.0
0.22
108
3.35
1.47
36
-12.51
0.237
57
0.58
-56
4.0
0.32
76
1.51
1.19
18
-9.19
0.347
51
0.55
-73
5.0
0.40
56
0.17
1.02
4
-6.54
0.471
40
0.51
-95
AT-32033 Typical Noise Parameters,
Common Emitter, Zo = 50
Ω, 2.7 V, I
C = 2 mA
Freq.
Fmin
Rn
GHz
dB
Mag
Ang
0.5[1]
0.57
0.77
15
0.36
0.9
0.78
0.63
49
0.28
1.8
1.25
0.32
136
0.10
2.4
1.57
0.40
-159
0.08
Note:
1. 0.5 GHz noise parameter values are extrapolated, not measured.
Γ
opt
0
0
FREQUENCY (GHz)
23
30
15
10
4
20
MSG
MAG
S21
Figure 19. AT-32011 Gains vs.
Frequency at VCE = 2.7 V, I C = 2 mA.
0
0
FREQUENCY (GHz)
23
30
15
10
4
20
MSG
MAG
S21
MSG
Figure 20. AT-32033 Gains vs.
Frequency at VCE = 2 .7 V, IC = 2 mA.


Similar Part No. - AT-32033-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AT-32033 BOARDCOM-AT-32033 Datasheet
297Kb / 10P
   Low Current, High Performance NPN
More results

Similar Description - AT-32033-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com