Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39527-2020 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39527-2020
Description  5.00mm Pitch Eurostyle Vertical Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39527-2020 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39527-2020 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39527-2020
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.00mm Pitch Eurostyle™ Vertical Plug, with Retention Screws, Rear Wire Entry, 20
Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39527
Application
N/A
Comments
Rear Wire Entry
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350691352
Physical
Circuits (Loaded)
20
Entry Angle
Horizontal
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39527-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39527Series
Mates With
Most 5.00mm Pitch Industry Standard
PCB Headers, 39525 Vertical PCB Header
with Threaded Retention Inserts, 39526
Horizontal PCB Header with Threaded
Retention Inserts
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39527-2020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39527-2021 MOLEX11-39527-2021 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-2022 MOLEX11-39527-2022 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug, with Retention Screws, Rear Wire Entry, 22
39527-2023 MOLEX11-39527-2023 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-2024 MOLEX11-39527-2024 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
More results

Similar Description - 39527-2020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39523-2005 MOLEX11-39523-2005 Datasheet
38Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3024 MOLEX11-39523-3024 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39525-4003 MOLEX11-39525-4003 Datasheet
42Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39525-4004 MOLEX11-39525-4004 Datasheet
42Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-3016 MOLEX11-39527-3016 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3008 MOLEX11-39523-3008 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3016 MOLEX11-39523-3016 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3018 MOLEX11-39523-3018 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-3002 MOLEX11-39527-3002 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-3004 MOLEX11-39527-3004 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-3006 MOLEX11-39527-3006 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com