Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-4163 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # AN-4163
Description  Shielded Gate PowerTrench MOSFET Datasheet Explanation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-4163 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button AN-4163 Datasheet HTML 2Page - Fairchild Semiconductor AN-4163 Datasheet HTML 3Page - Fairchild Semiconductor AN-4163 Datasheet HTML 4Page - Fairchild Semiconductor AN-4163 Datasheet HTML 5Page - Fairchild Semiconductor AN-4163 Datasheet HTML 6Page - Fairchild Semiconductor AN-4163 Datasheet HTML 7Page - Fairchild Semiconductor AN-4163 Datasheet HTML 8Page - Fairchild Semiconductor AN-4163 Datasheet HTML 9Page - Fairchild Semiconductor AN-4163 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AN-4163
APPLICATION NOTE
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
• 10/23/14
9
The turn-on delay, td(on), is defined as the time to charge the
input capacitance, Ciss, before the ID flows. The rise time, tr,
is the time to discharge output capacitance, Coss, after the
MOSFET conducts the ID set by the resistor load, RD. In the
same way, the turn-off delay, td(off), is the time to discharge
Ciss after the MOSFET is turned off. The fall time, tf, is the
time to charge the output capacitance, Coss, through the load
resistor. Figure 19 and Figure 20 show the switching time
test circuit and simple waveforms, respectively.
DUT
RD
RGEN
Figure 19. Switching Time Test Circuit
VDS
90%
10%
VGS
Td(on)
Tr
Td(off) Tf
Figure 20. Switching Waveforms
15. Drain-to-Source Diode
Characteristics
Like Table 14, the datasheet gives drain to source diode
characteristics such as the source to drain diode forward
voltage VSD, the reverse recovery time trr, and the reverse
recovery charge Qrr.
Table 14. Drain-to-Source Diode Characteristics Parameter
Symbol
Parameter
Conditions
Typ.
Max.
Unit
VSD
Source-to-Drain Diode Forward Voltage
VGS = 0 V, IS = 2.1 A
0.74
1.20
V
VGS = 0 V, IS = 13 A
0.81
1.30
trr
Reverse-Recovery Time
IF = 13 A, di/dt = 100 A/µs
64
102
ns
Qrr
Reverse-Recovery Charge
102
164
nC
The forward voltage of the intrinsic source-to-drain diode or
the body diode is measured at the specific reverse drain
current, IS. Figure 21 shows the IS as the function of body
diode forward voltage, VSD, at given junction temperatures,
TJ. As the TJ increases, the VDS is reduced at the fixed IS due
to its negative temperature coefficient.
Figure 21. Source-to-Drain Diode Forward Voltage
vs. Source Current
When the body diode is reversely biased right after its
forward conduction, it cannot regain the reverse blocking
capability until minority charge carriers stored in the body
diode are recombined. It results in the reverse-recovery
current flow, Irr, through the body diode. The amount of
time it takes body diode to recover is the reverse-recovery
time, trr. The reverse-recovery charge, Qrr, is the integral of
Irr over the trr. Figure 22 and Figure 23 show the reverse-
recovery test circuit and waveforms. Two consecutive gate
signals are applied to the driver MOSFET. With the first
turn-on gate signal, the inductor, L, charges the energy
through the driver MOSFET. Once the driver MOSFET is
turned off, the inductor current starts flowing through the
body diode of the DUT MOSFET. As the following second
gate signal to the driver MOSFET is applied, the forward
current of the body diode starts decreasing and is
commutated to the driver MOSFET. The IS decreases at a
current slope, di/dt, and crosses zero to the Irr. The
decreasing slop, di/dt, of the recovery current is of
importance because it determines trr and Irr. Typical and
maximum values of Qrr and trr are listed in Table 14.


Similar Part No. - AN-4163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-414 AD-AN-414 Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Fairchild Semiconductor
AN-4140 FAIRCHILD-AN-4140 Datasheet
1Mb / 10P
   Transformer Design Consideration
AN-4150 FAIRCHILD-AN-4150 Datasheet
560Kb / 16P
   Design Guidelines for Flyback Converters
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
AN-4153 FAIRCHILD-AN-4153 Datasheet
903Kb / 16P
   Designing Asymmetric PWM Half-Bridge Converters
More results

Similar Description - AN-4163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMS4D4N08C ONSEMI-FDMS4D4N08C Datasheet
1Mb / 3P
   N-Channel Shielded Gate PowerTrench MOSFET
December, 2016, Rev. 1.0
NTTFS010N10MCL ONSEMI-NTTFS010N10MCL Datasheet
395Kb / 8P
   MOSFET, N-Channel, Shielded Gate, POWERTRENCH
May, 2019 ??Rev. 0
FDMC007N08LCDC ONSEMI-FDMC007N08LCDC Datasheet
460Kb / 8P
   MOSFET - N?륝hannel Shielded Gate POWERTRENCH
June, 2021 ??Rev. 3
FDMS3D5N08LC ONSEMI-FDMS3D5N08LC Datasheet
457Kb / 7P
   MOSFET, N-Channel Shielded Gate, POWERTRENCH
October, 2018 ??Rev. 0
NTB7D3N15MC ONSEMI-NTB7D3N15MC Datasheet
219Kb / 7P
   MOSFET - N-Channel Shielded Gate PowerTrench
December, 2020 ??Rev. 1
NTMFS022N15MC ONSEMI-NTMFS022N15MC Datasheet
284Kb / 9P
   MOSFET - N-Channel Shielded Gate PowerTrench
September, 2020 ??Rev. 0
NTMFS10N3D2C ONSEMI-NTMFS10N3D2C Datasheet
396Kb / 8P
   N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
FDMC008N08C ONSEMI-FDMC008N08C Datasheet
661Kb / 9P
   N-Channel Shielded Gate PowerTrench MOSFET
December, 2016, Rev. 1.0
FDMS86255 ONSEMI-FDMS86255 Datasheet
333Kb / 7P
   MOSFET ??N-Channel, Shielded Gate, POWERTRENCH
August, 2021 ??Rev. 0
FDP2D3N10C ONSEMI-FDP2D3N10C Datasheet
439Kb / 9P
   N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com