Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-41485 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AT-41485
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-41485 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AT-41485 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-41485 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-41485 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-41485 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-41485 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-125
AT-41485 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VEBO
Emitter-Base Voltage
V
1.5
VCBO
Collector-Base Voltage
V
20
VCEO
Collector-Emitter Voltage
V
12
IC
Collector Current
mA
60
PT
Power Dissipation [2,3]
mW
500
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance[2,4]:
θ
jc = 155°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE = 25°C.
3. Derate at 6.5 mW/
°C for T
C > 73°C.
4. See MEASUREMENTS section
“Thermal Resistance” for more
information.
Electrical Specifications, TA = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
|S21E|
2
Insertion Power Gain; VCE = 8 V, IC = 25 mA
f = 1.0 GHz
dB
17.5
f = 2.0 GHz
11.5
P1 dB
Power Output @ 1 dB Gain Compression
f = 2.0 GHz
dBm
18.5
VCE = 8 V, IC = 25 mA
G1 dB
1 dB Compressed Gain; VCE = 8 V, IC = 25 mA
f = 2.0 GHz
dB
14.0
NFO
Optimum Noise Figure: VCE = 8 V, IC = 10 mA
f = 1.0 GHz
dB
1.4
1.8
f = 2.0 GHz
1.7
f = 4.0 GHz
3.0
GA
Gain @ NFO; VCE = 8 V, IC = 10 mA
f = 1.0 GHz
dB
17.5
18.5
f = 2.0 GHz
13.5
f = 4.0 GHz
9.5
fT
Gain Bandwidth Product: VCE = 8 V, IC = 25 mA
GHz
8.0
hFE
Forward Current Transfer Ratio; VCE = 8 V, IC = 10 mA
30
150
270
ICBO
Collector Cutoff Current; VCB = 8 V
µA
0.2
IEBO
Emitter Cutoff Current; VEB = 1 V
µA
1.0
CCB
Collector Base Capacitance[1]: VCB = 8 V, f = 1 MHz
pF
0.25
Notes:
1. For this test, the emitter is grounded.


Similar Part No. - AT-41485

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41485 HP-AT-41485 Datasheet
44Kb / 6P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results

Similar Description - AT-41485

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41486 HP-AT-41486 Datasheet
59Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41470 HP-AT-41470 Datasheet
55Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41435G AVAGO-AT-41435G Datasheet
153Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41535 AVAGO-AT-41535 Datasheet
136Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 AVAGO-AT-41486 Datasheet
104Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41435B TELEDYNE-PHT41435B Datasheet
108Kb / 2P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-41435 HP-AT-41435 Datasheet
56Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT41485 HP-AT41485 Datasheet
44Kb / 6P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41410B TELEDYNE-PHT41410B Datasheet
142Kb / 2P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-41410 HP-AT-41410 Datasheet
55Kb / 5P
   Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com