Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNW4503-020 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCNW4503-020
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCNW4503-020 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCNW4503-020 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCNW4503-020 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCNW4503-020 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCNW4503-020 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCNW4503-020 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCNW4503-020 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCNW4503-020 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCNW4503-020 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCNW4503-020 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parameter
Symbol
Device
Min.
Typ.**
Max.
Units
Test Conditions
Fig.
Note
Current
CTR*
6N135
7
18
50
%
TA = 25°CVO = 0.4 V
IF = 16 mA,
1, 2,
5, 11
Transfer Ratio
HCPL-0500
V
CC = 4.5 V
4
HCNW135
5
19
VO = 0.5 V
HCPL-2502
15
22
TA = 25°CVO = 0.4 V
15
25
VO = 0.5 V
6N136
19
24
50
TA = 25°CVO = 0.4 V
HCPL-4502/3
HCPL-0501
15
25
VO = 0.5 V
HCPL-0452/3
HCNW136
HCNW4502/3
Logic Low
VOL
6N135
0.1
0.4
V
TA = 25°CIO = 1.1 mA
IF = 16 mA,
Output Voltage
HCPL-0500
V
CC = 4.5 V
HCNW135
0.1
0.5
IO = 0.8 mA
6N136
0.1
0.4
TA = 25°CIO = 3.0 mA
HCPL-2502
HCPL-4502/3
0.1
0.5
IO = 2.4 mA
HCPL-0501
HCPL-0452/3
HCNW136
HCNW4502/3
Logic High
IOH*
0.003
0.5
µAT
A = 25°CVO = VCC = 5.5 V
IF = 0 mA
7
Output Current
0.01
1
TA = 25°CVO = VCC = 15 V
50
VO = VCC = 15 V
Logic Low
ICCL
50
200
µAI
F = 16 mA, VO = Open, VCC = 15 V
13
Supply Current
Logic High
ICCH*
0.02
1
µAT
A = 25°CIF = 16 mA, VO = Open,
13
Supply Current
2
VCC = 15 V
Input Forward
VF*
8-Pin DIP
1.5
1.7
V
TA = 25°CIF = 16 mA
3
Voltage
SO-8
1.8
Widebody
1.45
1.68
1.85
TA = 25°CIF = 16 mA
1.35
1.95
Input Reverse
BVR*
8-Pin DIP
5
V
IR = 10 µA
Breakdown
SO-8
Voltage
Widebody
3
IR = 100 µA
Temperature
∆V
F/
8-Pin DIP
-1.6
mV/
°CI
F = 16 mA
Coefficient of
∆T
A
SO-8
Forward Voltage
Widebody
-1.9
Input
CIN
8-Pin DIP
60
pF
f = 1 MHz, VF = 0 V
Capacitance
SO-8
Widebody
90
Transistor DC
hFE
8-Pin DIP
150
VO = 5 V, IO = 3 mA
Current Gain
SO-8
130
VO = 0.4 V, IB = 20 µA
Widebody
180
VO = 5 V, IO = 3 mA
160
VO = 0.4 V, IB = 20 µA
*For JEDEC registered parts.
**All typicals at TA = 25°C.
Electrical Specifications (DC)
Over recommended temperature (T
A = 0°C to 70°C) unless otherwise specified. See note 13.


Similar Part No. - HCNW4503-020

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW4503-000E AVAGO-HCNW4503-000E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCNW4503-020

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com