Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-6099 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-6099
Description  New PowerTrench MOSFET with Shielded Gate Technology Increases System Efficiency and Power Density in Synchronous Rectification Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6099 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-6099 Datasheet HTML 1Page - Fairchild Semiconductor AN-6099 Datasheet HTML 2Page - Fairchild Semiconductor AN-6099 Datasheet HTML 3Page - Fairchild Semiconductor AN-6099 Datasheet HTML 4Page - Fairchild Semiconductor AN-6099 Datasheet HTML 5Page - Fairchild Semiconductor AN-6099 Datasheet HTML 6Page - Fairchild Semiconductor AN-6099 Datasheet HTML 7Page - Fairchild Semiconductor AN-6099 Datasheet HTML 8Page - Fairchild Semiconductor AN-6099 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AN-6099
APPLICATION NOTE
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 3/12/13
2
The low- and medium-voltage MOSFETs developed rapidly
to accomplish significant performance improvements with
trench gate technology after the introduction of planar
technology in early 1970s. The trench gate MOSFETs are
now the preferred power devices for medium- to low-
voltage power applications. These MOSFETs implement a
gate structure embedded into a trench region carefully
etched into the device structure. The specific on-resistance
improves about 30% with this new technology, thanks to the
ability to increase channel density and eliminate the JFET
resistance
component.
Power
losses
in
synchronous
rectification can be lowered when the product of MOSFET
on resistance and drain current is less than the diode
forward-voltage drop. However, low on-resistance is not the
only requirement for the power switches in terms of
synchronous rectification. They should have small gate
charge to reduce driving losses. Soft-body diode reverse-
recovery characteristics can reduce snubber losses by
damping the peak level of voltage spikes. There are also
switching losses due to the output charge, QOSS, and reverse-
recovery charge, Qrr. Therefore, critical parameters for low-
and medium-voltage MOSFETs; such as RDS(ON), QG, QOSS,
Qrr, and reverse-recovery characteristics; directly affect to
system efficiency of synchronous rectification. Fairchild
designed a new highly optimized power MOSFET, called
PowerTrench
® MOSFET, with shielded gate technology for
synchronous rectification with deep analysis of power losses
in synchronous rectification of server power supplies or
telecom rectifiers.
Medium Voltage MOSFETs
Technologies
The RDS(ON) × QG, Figure Of Merit (FOM) is generally
considered the single most-important indicator of MOSFET
performance in switching mode power supplies. Therefore,
several new technologies have been developed to improve
the RDS(ON) × QG FOM. While MOSFET technologies and
cell structure have dramatically changed through the years,
the vertical cell structure of a MOSFET can be classified
into three structure types: planar, trench, or lateral. Among
the three structures, trench-gated MOSFETs have become
the mainstream for high-performance discrete power
MOSFETs with BVDSS < 200 V.
Figure 2. Relative Contribution to RDS(ON) with Different
Voltage Ratings
They are chosen primarily for their particularly low specific
on resistance and capability for excellent RDS(ON) × QG FOM
across the BVDSS spectrum. The trench gate structure can
dramatically reduce the channel resistance (Rchannel) and
JFET resistance (RJFET) that are the major contributors to
on-resistance of low-voltage MOSFETs (BVDSS < 200 V),
as shown in Figure 2. With compelling advantage of the
trench structure in the ability to reduce RDS(ON) by providing
the shortest possible current path (vertical) from drain to
source, it is possible to increase cell density without any
JFET pinch-off effect. The percentage of resistance
associated with each region varies dramatically, depending
on design and BVDSS. While RDS(ON) is indispensable to the
low conduction losses, consideration must be made for
enhanced FOM, where trade-offs in trench depths and
widths exist to optimize the structure.
Source
N+ Substrate
N- Epi Layer
P
P
+
N
+
Metal
Drain
Rsubstrate
Repi
Rchannel
Rmetal
Gate
Poly
Oxide
Drift Region
A
B
E-field
A
B
BV
Figure 3. Conventional Trench Gate MOSFET
Drain
Source
N+ Substrate
P
P
+
N
+
Metal
Rsubstrate
Repi
Rchannel
Rmetal
Poly
Gate
N- Epi Layer
Oxide
Shield
Poly
E-field
A
BV
Figure 4. The latest trench MOSFET with shielded gate
technology
Variations to the standard trench cell are often designed
with the intention of preserving low resistance, while
enhancing the FOM. The conventional trench gate structure
of Figure 3 enables lower on resistance by increasing the


Similar Part No. - AN-6099

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-60 FAIRCHILD-AN-60 Datasheet
19Kb / 2P
   Application Note 60 (TMC22x5y input data ranges)
AN-6003 FAIRCHILD-AN-6003 Datasheet
133Kb / 6P
   Shoot-through in Synchronous Buck Converters
AN-6006 FAIRCHILD-AN-6006 Datasheet
70Kb / 4P
   FAN5068 Component calculation and simulation tools
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
   Green Current Mode PWM Controller
AN-6016 FAIRCHILD-AN-6016 Datasheet
467Kb / 18P
   LCD Backlight Inverter Drive IC
More results

Similar Description - AN-6099

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3004GPBF IRF-IRFB3004GPBF Datasheet
295Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3256PBF IRF-IRFB3256PBF Datasheet
259Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFS3607TRLPBF IRF-IRFS3607TRLPBF Datasheet
327Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
IRFS4321TRLPBF IRF-IRFS4321TRLPBF Datasheet
359Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS3307PBF IRF-IRFS3307PBF Datasheet
320Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
IRFS4115TRLPBF IRF-IRFS4115TRLPBF Datasheet
292Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF_15 Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFS4127TRLPBF IRF-IRFS4127TRLPBF Datasheet
361Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4310RPBF IRF-IRFS4310RPBF Datasheet
382Kb / 12P
   High Efficiency Synchronous Rectification in SMPS
IRLS3036-7PPBF IRF-IRLS3036-7PPBF_15 Datasheet
313Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com