Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C512SC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT24C512SC
Description  Low-voltage and Standard-voltage Operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C512SC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT24C512SC_14 Datasheet HTML 4Page - ATMEL Corporation AT24C512SC_14 Datasheet HTML 5Page - ATMEL Corporation AT24C512SC_14 Datasheet HTML 6Page - ATMEL Corporation AT24C512SC_14 Datasheet HTML 7Page - ATMEL Corporation AT24C512SC_14 Datasheet HTML 8Page - ATMEL Corporation AT24C512SC_14 Datasheet HTML 9Page - ATMEL Corporation AT24C512SC_14 Datasheet HTML 10Page - ATMEL Corporation AT24C512SC_14 Datasheet HTML 11Page - ATMEL Corporation AT24C512SC_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
AT24C512SC
1933B–SEEPR–04/04
Device Addressing
The 512K EEPROM requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation (see Figure 8). The device address word
consists of a mandatory “one, zero” sequence for the first four most significant bits as
shown. This is common to all two-wire EEPROM devices.
The next three bits of the device address word are unused. These three unused bits
should be set to “0”.
The eighth bit of the device address is the read/write operation select bit. A read opera-
tion is initiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is
not made, the device will return to a standby state.
Figure 8. Device Address
Write Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the
device address word and acknowledgment. Upon receipt of this address, the EEPROM
will again respond with a “0” and then clock in the first 8-bit data word. Following receipt
of the 8-bit data word, the EEPROM will output a “0”. The addressing device, such as a
microcontroller, then must terminate the write sequence with a stop condition. At this
time the EEPROM enters an internally-timed write cycle, tWR, to the nonvolatile memory.
All inputs are disabled during this write cycle and the EEPROM will not respond until the
write is complete (see Figure 9).
Figure 9. Byte Write
MSB
LSB
1
0
100
0
0
R/W


Similar Part No. - AT24C512SC_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
AT24C512-10PC ATMEL-AT24C512-10PC Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C512-10PC-1.8 ATMEL-AT24C512-10PC-1.8 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C512-10PC-2.7 ATMEL-AT24C512-10PC-2.7 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
More results

Similar Description - AT24C512SC_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT25128 ATMEL-AT25128_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT25640 ATMEL-AT25640_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C16A ATMEL-AT24C16A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25160 ATMEL-AT25160_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C01 ATMEL-AT24C01_14 Datasheet
168Kb / 14P
   Low Voltage and Standard Voltage Operation
AT24C08A ATMEL-AT24C08A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT24C164 ATMEL-AT24C164_14 Datasheet
449Kb / 17P
   Low Voltage and Standard Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com