Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M40800 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91M40800
Description  High-performance 32-bit RISC Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M40800 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91M40800_14 Datasheet HTML 7Page - ATMEL Corporation AT91M40800_14 Datasheet HTML 8Page - ATMEL Corporation AT91M40800_14 Datasheet HTML 9Page - ATMEL Corporation AT91M40800_14 Datasheet HTML 10Page - ATMEL Corporation AT91M40800_14 Datasheet HTML 11Page - ATMEL Corporation AT91M40800_14 Datasheet HTML 12Page - ATMEL Corporation AT91M40800_14 Datasheet HTML 13Page - ATMEL Corporation AT91M40800_14 Datasheet HTML 14Page - ATMEL Corporation AT91M40800_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
1348FS–ATARM–13-Apr-06
AT91M40800
8.4
System Peripherals
8.4.1
PS: Power-saving
The Power-saving feature optimizes power consumption, enabling the software to stop the
ARM7TDMI clock (idle mode), restarting it when the module receives an interrupt (or reset). It
also enables on-chip peripheral clocks to be enabled and disabled individually, matching power
consumption and application need.
8.4.2
AIC: Advanced Interrupt Controller
The Advanced Interrupt Controller has an 8-level priority, individually maskable, vectored inter-
rupt controller, and drives the NIRQ and NFIQ pins of the ARM7TDMI from:
• The external fast interrupt line (FIQ)
• The three external interrupt request lines (IRQ0 - IRQ2)
• The interrupt signals from the on-chip peripherals.
The AIC is largely programmable offering maximum flexibility, and its vectoring features reduce
the real-time overhead in handling interrupts.
The AIC also features a spurious vector, which reduces spurious interrupt handling to a mini-
mum, and a protect mode that facilitates the debug capabilities.
8.4.3
PIO: Parallel I/O Controller
The AT91M40800 microcontroller has 32 programmable I/O lines. Six pins are dedicated as
general-purpose I/O pins. Other I/O lines are multiplexed with an external signal of a peripheral
to optimize the use of available package pins. The PIO controller enables generation of an inter-
rupt on input change and insertion of a simple input glitch filter on any of the PIO pins.
8.4.4
WD: Watchdog
The Watchdog is built around a 16-bit counter and is used to prevent system lock-up if the soft-
ware becomes trapped in a deadlock. It can generate an internal reset or interrupt, or assert an
active level on the dedicated pin NWDOVF. All programming registers are password-protected
to prevent unintentional programming.
8.4.5
SF: Special Function
The AT91M40800 microcontroller provides registers that implement the following special
functions.
• Chip identification
• RESET status
• Protect mode


Similar Part No. - AT91M40800_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91M40800_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
AT91R40008 ATMEL-AT91R40008_14 Datasheet
275Kb / 19P
   High-performance 32-bit RISC Architecture
AT91SAM ATMEL-AT91SAM_14 Datasheet
728Kb / 50P
   High-performance 32-bit RISC Architecture
AT91SAM7A3 ATMEL-AT91SAM7A3_14 Datasheet
466Kb / 39P
   High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
   High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
   High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
   High-performance 32-bit RISC Architecture
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
   32-bit load/store RISC architecture
Revision 1.1
logo
Siemens Semiconductor G...
SAB-R2000A SIEMENS-SAB-R2000A Datasheet
1Mb / 79P
   HIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com