Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M42800A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91M42800A
Description  High-performance 32-bit RISC Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M42800A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91M42800A_14 Datasheet HTML 7Page - ATMEL Corporation AT91M42800A_14 Datasheet HTML 8Page - ATMEL Corporation AT91M42800A_14 Datasheet HTML 9Page - ATMEL Corporation AT91M42800A_14 Datasheet HTML 10Page - ATMEL Corporation AT91M42800A_14 Datasheet HTML 11Page - ATMEL Corporation AT91M42800A_14 Datasheet HTML 12Page - ATMEL Corporation AT91M42800A_14 Datasheet HTML 13Page - ATMEL Corporation AT91M42800A_14 Datasheet HTML 14Page - ATMEL Corporation AT91M42800A_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
1779ES–ATARM–14-Apr-06
AT91M42800A
7.
Product Overview
7.1
Power Supply
The AT91M42800A has three kinds of power supply pins:
• VDDCORE pins, which power the chip core
• VDDIO pins, which power the I/O lines
• VDDPLL pins, which power the oscillator and PLL cells
VDDCORE and VDDIO pins allow core power consumption to be reduced by supplying it with a
lower voltage than the I/O lines. The VDDCORE pins must never be powered at a voltage
greater than the supply voltage applied to the VDDIO.
The VDDPLL pin is used to supply the oscillator and both PLLs. The voltage applied on these
pins is typically 3.3V, and it must not be lower than VDDCORE.
Typical supported voltage combinations are shown in the following table:
7.2
Input/Output Considerations
After the reset, the peripheral I/Os are initialized as inputs to provide the user with maximum
flexibility. It is recommended that in any application phase, the inputs to the AT91M42800A
microcontroller be held at valid logic levels to minimize the power consumption.
7.3
Operating Modes
The AT91M42800A has two pins dedicated to defining MODE0 and MODE1 operating modes.
These pins allow the user to enter the device in Boundary Scan mode. They also allow the user
to run the processor from the on-chip oscillator and from an external clock by bypassing the on-
chip oscillator. The last mode is reserved for test purposes. A chip reset must be performed
(NRST and NTRST) after MODE0 and/or MODE1 have been changed.
7.4
Clock Generator
The AT91M42800A microcontroller embeds a 32.768 kHz oscillator that generates the Slow
Clock (SLCK). This on-chip oscillator can be bypassed by setting the correct logical level on
MODE0 and MODE1 pins, as shown above. In this case, SLCK equals XIN.
Pins
Nominal Supply Voltages
VDDCORE
3.3V
3.0V or 3.3V
VDDIO
5.0V
3.0V or 3.3V
VDDPLL
3.3V
3.0V or 3.3V
MODE0
MODE1
Operating Mode
0
0
Normal operating mode by using the on-chip oscillator
0
1
Boundary Scan Mode
1
0
Normal operating mode by using an external clock on XIN
1
1
Reserved for test


Similar Part No. - AT91M42800A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800A ATMEL-AT91M42800A_1 Datasheet
423Kb / 27P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91M42800A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
   High-performance 32-bit RISC Architecture
AT91R40008 ATMEL-AT91R40008_14 Datasheet
275Kb / 19P
   High-performance 32-bit RISC Architecture
AT91SAM ATMEL-AT91SAM_14 Datasheet
728Kb / 50P
   High-performance 32-bit RISC Architecture
AT91SAM7A3 ATMEL-AT91SAM7A3_14 Datasheet
466Kb / 39P
   High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
   High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
   High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
   High-performance 32-bit RISC Architecture
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
   32-bit load/store RISC architecture
Revision 1.1
logo
Siemens Semiconductor G...
SAB-R2000A SIEMENS-SAB-R2000A Datasheet
1Mb / 79P
   HIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com