Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT91RM9200
Description  200 MIPS at 180 MHz, Memory Management Unit
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT91RM9200_14 Datasheet HTML 1Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 2Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
1768MS–ATARM–09-Jul-09
AT91RM9200
3.
Signal Description
Table 3-1.
Signal Description by Peripheral
Pin Name
Function
Type
Active
Level
Comments
Power
VDDIOM
Memory I/O Lines Power Supply
Power
3.0V to 3.6V
VDDIOP
Peripheral I/O Lines Power Supply
Power
3.0V to 3.6V
VDDPLL
Oscillator and PLL Power Supply
Power
1.65V to 1.95V
VDDCORE
Core Chip Power Supply
Power
1.65V to 1.95V
VDDOSC
Oscillator Power Supply
Power
1.65V to 1.95V
GND
Ground
Ground
GNDPLL
PLL Ground
Ground
GNDOSC
Oscillator Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Crystal Input
Input
XOUT
Main Crystal Output
Output
XIN32
32KHz Crystal Input
Input
XOUT32
32KHz Crystal Output
Output
PLLRCA
PLL A Filter
Input
PLLRCB
PLL B Filter
Input
PCK0 - PCK3
Programmable Clock Output
Output
ICE and JTAG
TCK
Test Clock
Input
Schmitt trigger
TDI
Test Data In
Input
Internal Pull-up, Schmitt trigger
TDO
Test Data Out
Output
Tri-state
TMS
Test Mode Select
Input
Internal Pull-up, Schmitt trigger
NTRST
Test Reset Signal
Input
Low
Internal Pull-up, Schmitt trigger
JTAGSEL
JTAG Selection
Input
Schmitt trigger
ETM
TSYNC
Trace Synchronization Signal
Output
TCLK
Trace Clock
Output
TPS0 - TPS2
Trace ARM Pipeline Status
Output
TPK0 - TPK15
Trace Packet Port
Output
Reset/Test
NRST
Microcontroller Reset
Input
Low
No on-chip pull-up, Schmitt trigger
TST0 - TST1
Test Mode Select
Input
Must be tied low for normal
operation, Schmitt trigger


Similar Part No. - AT91RM9200_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_14 Datasheet
9Mb / 701P
   Low Power: On VDDCORE 24.4 mA in Normal Mode, 520 關A in Standby Mode
More results

Similar Description - AT91RM9200_14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
logo
Tyco Electronics
HH-106 MACOM-HH-106_1 Datasheet
115Kb / 2P
   180 Hybrid Junction, 2 - 200 MHz
HH-106 MACOM-HH-106 Datasheet
84Kb / 2P
   180 Hybrid Junctions 2 - 200 MHz
logo
MICORO CRYSTAL SWITZERL...
CC6F-T1AF MICROCRYSTAL-CC6F-T1AF Datasheet
1Mb / 2P
   Inverted Mesa AT Crystal 70 MHz - 200 MHz
logo
National Semiconductor ...
NS32382-10 NSC-NS32382-10 Datasheet
1Mb / 39P
   MEMORY MANAGEMENT UNITS
logo
Intel Corporation
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Renesas Technology Corp
8A34002 RENESAS-8A34002 Datasheet
2Mb / 107P
   Synchronization Management Unit
December 20, 2021
8A34001 RENESAS-8A34001 Datasheet
2Mb / 110P
   Synchronization Management Unit
November 25, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com