Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7A3 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SAM7A3
Description  High-performance 32-bit RISC Architecture
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A3 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SAM7A3_14 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7A3_14 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7A3_14 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A3_14 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A3_14 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A3_14 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A3_14 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A3_14 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A3_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
NOTE: This is a summary document.
The complete document is available on
the Atmel website at www.atmel.com.
Features
Incorporates the ARM7TDMI ® ARM® Thumb® Processor
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
– Leader in MIPS/Watt
EmbeddedICEIn-circuit Emulation, Debug Communication Channel Support
256 Kbytes of Internal High-speed Flash, Organized in 1024 Pages of 256 Bytes
– Single Cycle Access at Up to 30 MHz in Worst Case Conditions
– Prefetch Buffer Optimizing Thumb Instruction Execution at Maximum Speed
– Page Programming Time: 6 ms, Including Page Auto-erase, Full Erase Time: 15 ms
– 10,000 Write Cycles, 10-year Data Retention Capability, Sector Lock Capabilities
32K Bytes of Internal High-speed SRAM, Single-cycle Access at Maximum Speed
Memory Controller (MC)
– Embedded Flash Controller, Abort Status and Misalignment Detection
– Memory Protection Unit
Reset Controller (RSTC)
– Based on Three Power-on Reset Cells
– Provides External Reset Signal Shaping and Reset Sources Status
Clock Generator (CKGR)
– Low-power RC Oscillator, 3 to 20 MHz On-chip Oscillator and One PLL
Power Management Controller (PMC)
– Power Optimization Capabilities, including Slow Clock Mode (Down to 500 Hz), Idle
Mode, Standby Mode and Backup Mode
– Four Programmable External Clock Signals
Advanced Interrupt Controller (AIC)
– Individually Maskable, Eight-level Priority, Vectored Interrupt Sources
– Four External Interrupt Sources and One Fast Interrupt Source, Spurious Interrupt
Protected
Debug Unit (DBGU)
– 2-wire UART and Support for Debug Communication Channel interrupt
Periodic Interval Timer (PIT)
– 20-bit Programmable Counter plus 12-bit Interval Counter
Windowed Watchdog (WDT)
– 12-bit key-protected Programmable Counter
– Provides Reset or Interrupt Signal to the System
– Counter May Be Stopped While the Processor is in Debug Mode or in Idle State
Real-time Timer (RTT)
– 32-bit Free-running Counter with Alarm
– Runs Off the Internal RC Oscillator
Two Parallel Input/Output Controllers (PIO)
– Sixty-two Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os
– Input Change Interrupt Capability on Each I/O Line
– Individually Programmable Open-drain, Pull-up resistor and Synchronous Output
Shutdown Controller (SHDWC)
– Programmable Shutdown Pin and Wake-up Circuitry
Two 32-bit Battery Backup Registers for a Total of 8 Bytes
One 8-channel 20-bit PWM Controller (PWMC)
One USB 2.0 Full Speed (12 Mbits per Second) Device Port
– On-chip Transceiver, 2376-byte Configurable Integrated FIFOs
Product
Description
AT91SAM7A3
Preliminary
Summary
6042DS–ATARM–14-Dec-06


Similar Part No. - AT91SAM7A3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3_14 Datasheet
6Mb / 594P
   EmbeddedICE In-circuit Emulation, Debug Communication Channel Support
More results

Similar Description - AT91SAM7A3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
   High-performance 32-bit RISC Architecture
AT91R40008 ATMEL-AT91R40008_14 Datasheet
275Kb / 19P
   High-performance 32-bit RISC Architecture
AT91SAM ATMEL-AT91SAM_14 Datasheet
728Kb / 50P
   High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
   High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
   High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
   High-performance 32-bit RISC Architecture
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
   32-bit load/store RISC architecture
Revision 1.1
logo
Siemens Semiconductor G...
SAB-R2000A SIEMENS-SAB-R2000A Datasheet
1Mb / 79P
   HIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com