Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA48PA Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA48PA
Description  131 Powerful Instructions ??Most Single Clock Cycle Execution
Download  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48PA Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA48PA_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA48PA_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA48PA_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA48PA_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA48PA_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA48PA_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA48PA_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA48PA_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA48PA_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 326 page
background image
7
ATmega48PA/88PA/168PA [DATASHEET]
9223F–AVR–04/14
3.
Automotive Quality Grade
The Atmel® ATmega48PA/88PA/168PA have been developed and manufactured according to the most stringent
requirements of the international standard ISO-TS-16949. This data sheet contains limit values extracted from the results of
extensive characterization (temperature and voltage).
The quality and reliability of the Atmel ATmega48PA/88PA/168PA have been verified during regular product qualification as
per AEC-Q100 grade 1 (–40°C to +125°C).
4.
Resources
A comprehensive set of development tools, application notes and datasheets are available for download on
http://www.atmel.com/avr.
Note:
1.
5.
Data Retention
Reliability qualification results show that the projected data retention failure rate is much less than 1 PPM over 20 years at
85°C.
6.
About Code Examples
This documentation contains simple code examples that briefly show how to use various parts of the device. These code
examples assume that the part specific header file is included before compilation. Be aware that not all C compiler vendors
include bit definitions in the header files and interrupt handling in C is compiler dependent. Please confirm with the C
compiler documentation for more details.
For I/O registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and “SBI” instructions must be replaced
with instructions that allow access to extended I/O. Typically “LDS” and “STS” combined with “SBRS”, “SBRC”, “SBR”, and
“CBR”.
Table 3-1.
Temperature Grade Identification for Automotive Products
Temperature (°C)
Temperature Identifier
Comments
–40; +125
Z
Full automotive temperature range


Similar Part No. - ATMEGA48PA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
   Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_1 Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA48PA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
TINY4 ATMEL-TINY4 Datasheet
4Mb / 28P
   Single cycle instructions
logo
Lumileds Lighting Compa...
DS51 LUMILEDS-DS51 Datasheet
1Mb / 41P
   the most robust and powerful LED
logo
ATMEL Corporation
T32UC3L0128 ATMEL-T32UC3L0128_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
logo
PANDUIT CORP.
MPT5-8AS PANDUIT-MPT5-8AS Datasheet
120Kb / 1P
   CONTROLLED CYCLE TERMINATION TOOL OPERATION INSTRUCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com