Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA164PA Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA164PA
Description  High-performance, Low-power AVR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA164PA Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA164PA_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA164PA_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA164PA_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA164PA_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA164PA_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA164PA_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA164PA_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA164PA_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA164PA_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Atmel-8272FS-AVR--07/2014
Features
High-performance, low-power 8-bit Atmel® AVR® Microcontroller
Advanced RISC architecture
̶
131 powerful Instructions – most single-clock cycle execution
̶
32 × 8 general purpose working registers
̶
Fully static operation
̶
Up to 20MIPS throughput at 20MHz
̶
On-chip 2-cycle multiplier
High endurance non-volatile memory segments
̶
16/32/64/128KBytes of In-System Self-programmable Flash program memory
̶
512/1K/2K/4KBytes EEPROM
̶
1/2/4/16KBytes Internal SRAM
̶
Write/Erase Cycles: 10,000 Flash/ 100,000 EEPROM
̶
Data retention: 20 years at 85°C/ 100 years at 25°C(1)
̶
Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
̶
Programming Lock for Software Security
Atmel QTouch® library support
̶
Capacitive touch buttons, sliders and wheels
̶
QTouch and QMatrix acquisition
̶
Up to 64 sense channels
JTAG (IEEE std. 1149.1 Compliant) Interface
̶
Boundary-scan Capabilities According to the JTAG Standard
̶
Extensive On-chip Debug Support
̶
Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG
Interface
Peripheral Features
̶
Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
̶
One/two 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and
Capture Mode
̶
Real Time Counter with Separate Oscillator
̶
Six PWM Channels
̶
8-channel, 10-bit ADC
Differential mode with selectable gain at 1×, 10× or 200×
̶
Byte-oriented Two-wire Serial Interface
̶
Two Programmable Serial USART
̶
Master/Slave SPI Serial Interface
ATmega164A/164PA/324A/324PA/644A/644PA/1284/1284P
8-bit Atmel Microcontroller with 16/32/64/128K Bytes
In-System Programmable Flash
DATASHEET SUMMARY


Similar Part No. - ATMEGA164PA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
More results

Similar Description - ATMEGA164PA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325PV ATMEL-ATMEGA325PV_14 Datasheet
503Kb / 364P
   High Performance, Low Power AVR
ATTINY2313A ATMEL-ATTINY2313A_14 Datasheet
588Kb / 22P
   High Performance, Low Power AVR
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
552Kb / 16P
   High Performance, Low Power AVR
ATTINY261 ATMEL-ATTINY261_14 Datasheet
348Kb / 206P
   High Performance, Low Power AVR
ATMEGA162V ATMEL-ATMEGA162V_14 Datasheet
534Kb / 22P
   High-performance, Low-power AVR
ATTINY24 ATMEL-ATTINY24_14 Datasheet
644Kb / 238P
   High Performance, Low Power AVR
ATMEGA165V ATMEL-ATMEGA165V_14 Datasheet
342Kb / 336P
   High Performance, Low Power AVR
ATMEGA8515 ATMEL-ATMEGA8515_14 Datasheet
236Kb / 257P
   High-performance, Low-power AVR
ATMEGA1284P ATMEL-ATMEGA1284P_14 Datasheet
374Kb / 380P
   High-performance, Low-power AVR
ATMEGA128RFA1 ATMEL-ATMEGA128RFA1_14 Datasheet
242Kb / 13P
   High Performance, Low Power AVR
MCU Wireless-09/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com