Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA165P Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA165P
Description  High Performance, Low Power Atmel
Download  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA165P Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA165P_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA165P_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA165P_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA165P_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA165P_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA165P_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA165P_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA165P_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA165P_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 364 page
background image
2
8019K–AVR–11/10
ATmega165P
1.
Pin Configurations
Figure 1-1.
Pinout ATmega165P
Note:
The large center pad underneath the QFN/MLF packages is made of metal and internally con-
nected to GND. It should be soldered or glued to the board to ensure good mechanical stability. If
the center pad is left unconnected, the package might loosen from the board.
1.1
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Min and Max values
will be available after the device is characterized.
47
46
48
45
44
43
42
41
40
39
38
37
36
35
33
34
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
15
PC0
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
DNC
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
(SS/PCINT8) PB0
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1B/PCINT14) PB6
(OC1A/PCINT13) PB5
PC1
PG0
PC2
PC3
PC4
PC5
PC6
PC7
PA7
PG2
PA6
PA5
PA4
PA3
PG1
INDEX CORNER


Similar Part No. - ATMEGA165P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165P-16AU ATMEL-ATMEGA165P-16AU Datasheet
3Mb / 365P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P-16AU ATMEL-ATMEGA165P-16AU Datasheet
274Kb / 21P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P-16AU ATMEL-ATMEGA165P-16AU Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P-16MU ATMEL-ATMEGA165P-16MU Datasheet
3Mb / 365P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P-16MU ATMEL-ATMEGA165P-16MU Datasheet
274Kb / 21P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA165P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM2B ATMEL-AT90PWM2B_14 Datasheet
501Kb / 25P
   High Performance, Low Power Atmel
ATMEGA32HVB ATMEL-ATMEGA32HVB_14 Datasheet
743Kb / 24P
   High performance, low power Atmel
ATMEGA644V ATMEL-ATMEGA644V_14 Datasheet
746Kb / 376P
   High-performance, Low-power Atmel
ATMEGA329V ATMEL-ATMEGA329V_14 Datasheet
892Kb / 392P
   High Performance, Low Power Atmel
AT90PWM2 ATMEL-AT90PWM2_14 Datasheet
3Mb / 365P
   High Performance, Low Power Atmel
ATMEGA16HVB ATMEL-ATMEGA16HVB_14 Datasheet
5Mb / 278P
   High performance, low power Atmel
ATMEGA164P ATMEL-ATMEGA164P_14 Datasheet
12Mb / 377P
   High-performance, Low-power Atmel
ATMEGA8 ATMEL-ATMEGA8_14 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel
ATMEGA169P ATMEL-ATMEGA169P_14 Datasheet
509Kb / 395P
   High Performance, Low Power Atmel
ATMEGA329P ATMEL-ATMEGA329P_14 Datasheet
734Kb / 427P
   High Performance, Low Power Atmel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com