Electronic Components Datasheet Search |
|
1267AY-4R7N Datasheet(PDF) 1 Page - TOKO, Inc |
|
1267AY-4R7N Datasheet(HTML) 1 Page - TOKO, Inc |
|
1 / 1 page DG8040C Inductance Range: 1.0~100 H (Unit: mm) (Unit: mm) FEATURES 特長 Low Profile (H=4.0mm Max). Magnetic Shield. Ideal for a variety of DC-DC converter inductor applications. RoHS compliant 薄形構造(高さ4.0mm Max.) 閉磁路構造 各種機器のDC-DCコンバータ用インダクタに最適 RoHS指令対応 TOKO STANDARD PART NUMBERS 東光 標準品一覧 TYPE DG8040C (Quantity/reel; 1000 PCS) 東光品番 インダクタンス 許容差 測定周波数 直流抵抗 最大許容電流 TOKO Part Number Inductance L( H) Tolerance (%) Test Frequency (kHz) DC Resistance (m ) Max. (Typ.) Rated DC Current (A) Max. (Typ.) ΔL/L=30% ΔT=40[ C] 1267AY-1R0N 1.0 30 100 8.4 (7) 10.4 ( 13.8 ) 8.4 ( 9.9 ) 1267AY-1R5N 1.5 30 100 10.8 (9) 8.2 ( 10.9 ) 7.3 ( 8.6 ) 1267AY-2R2N 2.2 30 100 13.2 (11) 7.4 ( 9.8 ) 6.5 ( 7.7 ) 1267AY-3R3N 3.3 30 100 15.6 (13) 6.1 ( 8.1 ) 6.1 ( 7.2 ) 1267AY-4R7N 4.7 30 100 20.4 (17) 5.1 ( 6.8 ) 5.3 ( 6.2 ) 1267AY-6R8N 6.8 30 100 26.4 (22) 4.0 ( 5.3 ) 4.5 ( 5.3 ) 1267AY-100M 10 20 100 39.6 (33) 3.3 ( 4.5 ) 3.9 ( 4.5 ) 1267AY-150M 15 20 100 58.8 (49) 2.6 ( 3.5 ) 3.2 ( 3.8 ) 1267AY-220M 22 20 100 74.4 (62) 2.3 ( 3.0 ) 2.8 ( 3.2 ) 1267AY-330M 33 20 100 120.0 (100) 1.9 ( 2.5 ) 2.2 ( 2.6 ) 1267AY-470M 47 20 100 168.0 (140) 1.6 ( 2.1 ) 1.9 ( 2.2 ) 1267AY-680M 68 20 100 240.0 (200) 1.3 ( 1.7 ) 1.6 ( 1.9 ) 1267AY-101M 100 20 100 336.0 (280) 1.1 ( 1.4 ) 1.3 ( 1.5 ) (1) Inductance is measured with a LCR meter 4284A (Agilent Technologies) or equivalent. Test frequency at 100kHz (2) DC resistance is measured with 34420A (Agilent Technologies) or 3541(HIOKI). (Reference ambient temperature 25°C) (3) Maximum allowable DC current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40°C, whichever is smaller. (Reference ambient temperature 20°C) (1) インダクタンスはLCRメータ4284A(Agilent Technologies) または同等品により測定する。 測定周波数は100kHz。 (2) 直流抵抗は測定器34420A(Agilent Technologies)または3541 (HIOKI)と同等品により測定する。(周囲温度25°C) (3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が 初期値より30%減少する直流電流値、または直流電流により、 コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを基 準とする。) Recommended patterns 推奨パターン図 Ferrite Inductors フェライトインダクタ |
Similar Part No. - 1267AY-4R7N |
|
Similar Description - 1267AY-4R7N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |