Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2533L-2 Datasheet(PDF) 1 Page - NEC

Part # PS2533L-2
Description  HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2533L-2 Datasheet(HTML) 1 Page - NEC

  PS2533L-2 Datasheet HTML 1Page - NEC PS2533L-2 Datasheet HTML 2Page - NEC PS2533L-2 Datasheet HTML 3Page - NEC PS2533L-2 Datasheet HTML 4Page - NEC PS2533L-2 Datasheet HTML 5Page - NEC PS2533L-2 Datasheet HTML 6Page - NEC PS2533L-2 Datasheet HTML 7Page - NEC PS2533L-2 Datasheet HTML 8Page - NEC PS2533L-2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
The information in this document is subject to change without notice.
Document No. P11435EJ5V0DS00 (5th edition)
Date Published September 1998 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS2533-1,-2,-4,PS2533L-1,-2,-4
HIGH COLLECTOR TO EMITTER VOLTATGE
HIGH ISOLATION VOLTAGE
MULTI PHOTOCOUPLER SIRIES
©
1990
−NEPOCTM Series−
The mark
• shows major revised points.
DESCRIPTION
The PS2533-1, -2, -4 and PS2533L-1, -2, -4 are optically coupled isolators containing a GaAs light emitting diode
and an NPN silicon darlington connected phototransistor.
The PS2533-1, -2, -4 are in a plastic DIP (Dual In-line Package) and the PS2533L-1, -2, -4 are lead bending type
(Gull-wing) for surface mount.
FEATURES
• High collector to emitter voltage (VCEO = 350 V)
• High Isolation voltage BV = 5 000 Vr.m.s.: standard products
BV = 3 750 Vr.m.s.: VDE0884 approved products (Option)
• High current transfer ratio (CTR = 4 000 % TYP.)
• High-speed switching (tr, tf = 100
µs TYP.)
• Ordering number of taping product: PS2533L-1-E3, E4, F3, F4, PS2533L-2-E3, E4
• UL approved: File No. E72422 (S)
• BSI approved: No. 8221/8222
• NEMKO approved: No. 98101708
• SEMKO approved: No. 9824187/01-02
• DEMKO approved: No. 307863
• FIMKO approved: No. F1 11397
• VDE0884 approved (Option)
APPLICATIONS
• Telephone, Exchange equipment
• FAX/MODEM


Similar Part No. - PS2533L-2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2533L-2 CEL-PS2533L-2 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533L-2-A CEL-PS2533L-2-A Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533L-2-E3 CEL-PS2533L-2-E3 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533L-2-E3-A CEL-PS2533L-2-E3-A Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533L-2-E4 CEL-PS2533L-2-E4 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2533L-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com