Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2562L1-1 Datasheet(PDF) 2 Page - NEC

Part # PS2562L1-1
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2562L1-1 Datasheet(HTML) 2 Page - NEC

  PS2562L1-1 Datasheet HTML 1Page - NEC PS2562L1-1 Datasheet HTML 2Page - NEC PS2562L1-1 Datasheet HTML 3Page - NEC PS2562L1-1 Datasheet HTML 4Page - NEC PS2562L1-1 Datasheet HTML 5Page - NEC PS2562L1-1 Datasheet HTML 6Page - NEC PS2562L1-1 Datasheet HTML 7Page - NEC PS2562L1-1 Datasheet HTML 8Page - NEC PS2562L1-1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PS2562-1,-2,PS2562L-1,-2
PACKAGE DIMENSIONS (in millimeters)
DIP Type
5.1 MAX.
2.54
7.62
0.50 ± 0.10
0.25 M
PS2562-1 (New Package)
10.2 MAX.
1.25±0.15
2.54
7.62
0.50 ± 0.10
0.25 M
0 to 15˚
PS2562-2
0 to 15˚
PS2562-1
4.6 ± 0.35
1.25±0.15
0.50 ± 0.10
0.25 M
0 to 15˚
7.62
2.54
1.25±0.15
PS2562L1-1
5.1 MAX.
2.54
7.62
0.50 ± 0.10
0.25 M
0 to 15˚
1.25±0.15
10.16
4 3
12
8 7
12
65
34
4 3
1 2
4 3
12
1. Anode
2. Cathode
3. Emitter
4. Collector
1, 3. Anode
2, 4. Cathode
5, 7. Emitter
6, 8. Collector
1. Anode
2. Cathode
3. Emitter
4. Collector
1. Anode
2. Cathode
3. Emitter
4. Collector
Caution New package 1ch only


Similar Part No. - PS2562L1-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2562L1-1 CEL-PS2562L1-1 Datasheet
658Kb / 22P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2562L1-1 RENESAS-PS2562L1-1 Datasheet
282Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2562L1-1 RENESAS-PS2562L1-1 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2562L1-1-V CEL-PS2562L1-1-V Datasheet
658Kb / 22P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2562L1-1-V RENESAS-PS2562L1-1-V Datasheet
282Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2562L1-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2502-1 RENESAS-PS2502-1_15 Datasheet
261Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502L-1-E3 ETC2-PS2502L-1-E3 Datasheet
395Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1 Datasheet
282Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2562-1 CEL-PS2562-1 Datasheet
658Kb / 22P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2502-1 NEC-PS2502-1 Datasheet
101Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502-2-A ETC2-PS2502-2-A Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com