Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRT1-3813 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # DRT1-3813
Description  Digital Radio Transmitter Modules for 37 to 40 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

DRT1-3813 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  DRT1-3813 Datasheet HTML 1Page - Agilent(Hewlett-Packard) DRT1-3813 Datasheet HTML 2Page - Agilent(Hewlett-Packard) DRT1-3813 Datasheet HTML 3Page - Agilent(Hewlett-Packard) DRT1-3813 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8-17
DRT1-38XX Absolute Maximum Ratings (TA = -30 to +70ºC)
Parameters
Units
Ratings
DC Circuit Power +10
Volts
11
+5.0
Volts
+5.5
-5.0
Volts
-4.5
Power Control
Volts
5
Tuning Voltage
Volts
17
Notes:
1. Operation in excess of any one of
these parameters may result in
permanent damage.
2. A thermal interface medium must
be used between the bottom of the
package and its mating surface to
ensure optimum heat transfer.
Electrical Characteristics
Part Number
DRT1-3823
DRT1-3813
Parameters
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
RF Tuning Range
GHz
37
40
37
40
Operating Temperature Range
°C
-30
70
-30
70
Storage Temperature Range
°C
-45
85
-45
85
RF Power Output
dBm
18
19
18
19
Sample Out Frequency
MHz
289
313
289
313
Sample Out Power
dBm
-10
0
-10
0
Detected Out
V
0.4
2
0.4
2
Harmonics and Sub-Harmonics
dBc
-30
-30
from 2.65 to 55 GHz from carrier [1]
Spurious Output
from 2.65 - 55 GHz [1]
dBc
-30
-30
@ fo
± 1.0 GHz
dBc
-50
-50
@ prescaler output frequency
dBc
-30
-30
Phase Noise @ 100 KHz
dBc
-82
-80
-82
-80
Tuning Voltage
V
1
16
1
16
Input Capacitance, Nom
pf
27
27
Main Tuning Sensitivity
MHz/V
200
400
200
400
Main Tuning Sensitivity Variation
1.5:1
2.0:1
1.5:1
2.0:1
Modulation Bandwidth
MHz
20
20
Modulation Sensitivity
MHz/V
10
35
10
35
Modulation Sensitivity Variation
%
20
20
DC Circuit Power
+10 Volts
mA
175
175
+5 Volts
mA
975
600
-5 Volts
mA
50
50
Frequency Pushing on +10V Line
MHz/V
40
50
40
50
based on
± 0.2V variation
VSWR @ Full Power Output [2]
2.5:1
2.5:1
Mute Control
dBc
-50
-50
Mute Control Range
V
0
5
0
5
RF Connector
WR-28
WR-28
Attenuator Range
dB
30
NA
Attenuator Control Voltage
V
0
5
NA
RF Output Dynamic Range
dB
30 Min.
NA
Humidity
Non Condensing
%
85
85
Condensing
%
95
95
Case Size
inches
3.50 x 1.25 x 0.40
3.50 x 1.25 x 0.40
Notes:
1. Tested only to 50 GHz
2. Module is unconditionally stable with this load VSWR of 2.0:1


Similar Part No. - DRT1-3813

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
DRT1-2311 HP-DRT1-2311 Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRT1-2312 HP-DRT1-2312 Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRT1-2321 HP-DRT1-2321 Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRT1-2322 HP-DRT1-2322 Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRT1-23XX HP-DRT1-23XX Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
More results

Similar Description - DRT1-3813

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
DRT1-23XX HP-DRT1-23XX Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRR1-38XX HP-DRR1-38XX Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
DRR1-23XX HP-DRR1-23XX Datasheet
61Kb / 4P
   Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz
logo
TriQuint Semiconductor
TGA4538 TRIQUINT-TGA4538_15 Datasheet
508Kb / 17P
   37 to 40 GHz Power Amplifier
logo
rfsolutions.ltd
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542_15 Datasheet
1Mb / 13P
   37 to 40 GHz 1W Power Amplifier
logo
rfsolutions.ltd
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6442 AVAGO-AMMC-6442 Datasheet
452Kb / 8P
   37 - 40 GHz 1W Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com