Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBCC-0500 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HBCC-0500
Description  Low Current Bar Code Digitizer IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBCC-0500 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HBCC-0500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBCC-0500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBCC-0500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBCC-0500 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4-35
Recommended Schematic
Shown is the recommended
schematic for the HBCC-0500.
Here are some construction tips.
1. Place the sensor, 2N4403, bin
resistor, and the 0.47
µF cap
close to each other to minimize
loop area.
2. If the 0.47
µF cap is tantalum,
its ESR must be used in series
with Rb to determine the
correct value for Rb.
3. A 1.0
µF ceramic cap may be
used in place of the 0.47
µF
cap.
4. Place the 0.22
µF cap attached
to pins 4 and 23 close to the
IC.
5. Use a single point ground close
to pin 23.
Options
There are four options on the
recommended schematic.
1. Output pull up resistor
2. Inverted output
3. Black state return
4. Threshold adjust
Pull Up Resistor
The 10 k
Ω pull up resistor on the
standard or inverted output
transistor is optional. If the
transistor is driving a cable, the
resistor should be on the far end
of the cable.
Schematic
LEDD
VCC
GND
PSTI
PREO
EMIN
AGND
RPER
RPWD
CTIM
PPKD
CMPO
CMPI
LPFO
AMDT
LPFI
CMPA
ACMP
IWSR
VCCA
PRBP
PSTB
NPKD
2.2 nF
56 K
56 K
330 pF
2.0 M
20 K
680 pF
1.3 M
2.0 M
220 K
1.0 M
1.0 pF
2N5088
1N4148
+5 V
3.3 nF
+5 V
+5 V
390 K
470 K
1 nF
1 nF
1N4148
19
17
22
13
21
14
12 pF
12
20
8
10
11
16
NC
0.22 µF
0.1 µF
0.1 µF
0.1 µF
24
4
23
15
7
6
5
1
2
3
9
39
39
Rb Ω
0.22
µF
0.22
µF
0.47
µF
8.2 nF
680 K
470 K
9.1 K
2N5088
75 pF
0.1 µF
6.8 M
+5 V
8
1
2
6
2N4403
LED ANODE
LED CATHODE
DETECTOR
CATHODE
DETECTOR
ANODE
SENSOR
HBCC-
0500
BLACK STATE RETURN
(OPTIONAL)
10 K
(OPTIONAL)
INVERTED
OUTPUT
INVERTED OUTPUT
(OPTIONAL)
2N3904
10 K
Ω (OPTIONAL)
OUTPUT
20 K
18
CTHR
+5 V


Similar Part No. - HBCC-0500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCC-1570 HP-HBCC-1570 Datasheet
152Kb / 8P
   Optical Reflective Sensors
HBCC-1580 HP-HBCC-1580 Datasheet
152Kb / 8P
   Optical Reflective Sensors
HBCC-1590 HP-HBCC-1590 Datasheet
152Kb / 8P
   Optical Reflective Sensors
More results

Similar Description - HBCC-0500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCS-A000 HP-HBCS-A000 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com