Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBCR-1610 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HBCR-1610
Description  Single Chip Bar Code Decode IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBCR-1610 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HBCR-1610 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBCR-1610 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBCR-1610 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBCR-1610 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBCR-1610 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBCR-1610 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBCR-1610 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBCR-1610 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBCR-1610 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-41
C39
I25
UPC
CDB
C28
U2S
U5S
CSS
BR0
BR1
STB
EX3
C3C
I2C
CST
GRB
ICD
UEE
UE1
FRQ
PT0
PT1
TR0
TR1
LED
SDI
XTAL 1
XTAL 2
VCC
EA
IOM
RST
BPR
TxD
RxD
RTS
CTS
GND
T2OUT
R2IN
T1OUT
R1IN
T2IN
R2OUT
T1IN
R1OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
GND
TxD
RxD
RTS
CTS
+5 V
0 V
+5 V
C4
15
6
16
2
13
14
8
7
12
11
9
10
1
3
4
5
C1
C2
MAX232
LT1081 or
LT1181
SERIAL LEVEL
CONVERTER
+5 V
+5 V
47 K
Ω +5 V
SDI
10 K
2N5088
150
8 x 10 K
+5 V
+5 V
500
10
10 K
10 µF
1N4148
1N4148
+5 V
PIEZO
BEEPER
0.047 µF
10
mH
HBCR-161X
NOTES:
1. USE THE CORRECT CAPACITOR FOR
EITHER A CRYSTAL OR A CERAMIC
RESONATOR. SEE USERS MANUAL, PAGE 2-16.
2. SEE THE PIN DIAGRAMS FOR THE PINOUT
OF THE DECODE IC. PIN NUMBERS VARY
WITH PACKAGE.
3. VOLUME OF THE BEEPER CIRCUIT IS
ADJUSTABLE BY VARYING THE VALUE
OF THE 500
Ω POT.
4. THE EIGHT PULL UP RESISTORS SHOWN
IN THE SCHEMATIC ARE ONLY NEEDED
IF A DIP SWITCH IS USED. IF THE PINS
ARE STRAPPED DIRECTLY TO GROUND
OR VCC, THE RESISTORS ARE NOT NEEDED.
5. THE LOGIC LEVELS OF THE SDI SCANNER
INPUT IS AS FOLLOWS: BLACK = HIGH,
WHITE = LOW.
2N2907
C3
Table 6. Summary of Commands – HBCR-1610 Series
Feature
Description
Scanner Enable
When enabled, scans from a wand or a slot reader are decoded; otherwise, they
are ignored.
Hard Reset
Resets the IC as though it were just powered up.
Self Test Failure
An error message is transmitted over the serial port at 9600 baud at power up if the
Message
IC self test fails.
Status Request
Returns the version number of the software.
Sound Tone
Causes the IC to sound a tone of the selected pitch for 120 milliseconds.
Stand Alone Decoder
(Serial Mode)


Similar Part No. - HBCR-1610

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-2210 HP-HBCR-2210 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
HBCR-2211 HP-HBCR-2211 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
HBCR-2297 HP-HBCR-2297 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
More results

Similar Description - HBCR-1610

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-2210 HP-HBCR-2210 Datasheet
153Kb / 15P
   Programmable Bar Code Decode ICs
HBCC-0500 HP-HBCC-0500 Datasheet
153Kb / 4P
   Low Current Bar Code Digitizer IC
logo
RHOPOINT COMPONENTS
OTBC-0480-10 RHOPOINT-OTBC-0480-10 Datasheet
296Kb / 3P
   Single Emitter Bar Code Optic Head
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com