Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV65A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT17LV65A
Description  FPGA Configuration EEPROM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV65A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT17LV65A_14 Datasheet HTML 1Page - ATMEL Corporation AT17LV65A_14 Datasheet HTML 2Page - ATMEL Corporation AT17LV65A_14 Datasheet HTML 3Page - ATMEL Corporation AT17LV65A_14 Datasheet HTML 4Page - ATMEL Corporation AT17LV65A_14 Datasheet HTML 5Page - ATMEL Corporation AT17LV65A_14 Datasheet HTML 6Page - ATMEL Corporation AT17LV65A_14 Datasheet HTML 7Page - ATMEL Corporation AT17LV65A_14 Datasheet HTML 8Page - ATMEL Corporation AT17LV65A_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AT17LV65A/128A/256A/512A/002A [DATASHEET]
Atmel-2322I-FPGA-AT17LV65A-128A-256A-512A-002A-Datasheet_102014
2
1.
Pin Configuration and Descriptions
Table 1-1.
Pin Descriptions
Pin
Description
DATA
Three-state DATA Output for Configuration. Open-collector bi-directional pin for programming.
DCLK
Clock Output or Clock Input. Rising edges on DCLK increment the internal address counter and present
the next bit of data to the DATA pin. The counter is incremented only if the RESET/OE input is held High,
the nCS input is held Low, and all configuration data has not been transferred to the target device
(otherwise, as the master device, the DCLK pin drives Low).
WP1
Write Protect (1). This pin is used to protect portions of memory during programming, and it is disabled
by default due to internal pull-down resistor. This input pin is not used during FPGA loading operations.
This pin is only available on the AT17LV512A/010A/002A.
RESET/OE
RESET (Active Low) / Output Enable (Active High) when SER_EN is High. A Low logic level resets the
address counter. A High logic level (with nCS Low) enables DATA and permits the address counter to
count. In the mode, if this pin is Low (reset), the internal oscillator becomes inactive and DCLK drives Low.
The logic polarity of this input is programmable and must be programmed active High (RESET active Low)
by the user during programming for Altera applications.
WP
Write Protect Input (when nCS is Low) during programming only (SER_EN Low). When WP is Low, the
entire memory can be written. When WP is enabled (High), the lowest block of the memory cannot be
written. This pin is only available on AT17LV65A/128A/256A devices.
nCS
Chip Select Input (Active Low). A Low input (with OE High) allows DCLK to increment the address
counter and enables DATA to drive out. If the AT17LVxxxA is reset with nCS Low, the device initializes as
the first (and master) device in a daisy-chain. If the AT17LVxxxA is reset with nCS High, the device
initializes as a subsequent AT17LVxxxA in the chain.
GND
Ground. A 0.2μF decoupling capacitor between VCC and GND is recommended.
nCASC
Cascade Select Output (Active Low). This output goes Low when the address counter has reached its
maximum value. In a daisy-chain of AT17LVxxxA devices, the nCASC pin of one device is usually
connected to the nCS input pin of the next device in the chain, which permits DCLK from the master
configurator to clock data from a subsequent AT17LVxxxA device in the chain. This feature is not available
on the AT17LV65A (NRND).
A2
Device Selection Input, A2. This is used to enable (or select) the device during programming (i.e., when
SER_EN is Low). A2 has an internal pull-down resistor.
READY
Open Collector Reset State Indicator. Driven Low during power-on reset cycle, released when power-
up is complete. (recommended 4.7k
 pull-up on this pin if used).
SER_EN
Serial Enable must be held High during FPGA loading operations. Bringing SER_EN Low enables the 2-
wire Serial Programming Mode. For non-ISP applications, SER_EN should be tied to VCC.
VCC
Power Supply. 3.3V (±10%) and 5.0V (±10%) power supply pin.


Similar Part No. - AT17LV65A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A-10BJC ATMEL-AT17LV65A-10BJC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV65A-10BJI ATMEL-AT17LV65A-10BJI Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV65A-10CC ATMEL-AT17LV65A-10CC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV65A-10CI ATMEL-AT17LV65A-10CI Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV65A-10JC ATMEL-AT17LV65A-10JC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV65A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com