Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24HC02B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24HC02B
Description  2-wire Automotive Temperature Serial EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24HC02B_14 Datasheet HTML 1Page - ATMEL Corporation AT24HC02B_14 Datasheet HTML 2Page - ATMEL Corporation AT24HC02B_14 Datasheet HTML 3Page - ATMEL Corporation AT24HC02B_14 Datasheet HTML 4Page - ATMEL Corporation AT24HC02B_14 Datasheet HTML 5Page - ATMEL Corporation AT24HC02B_14 Datasheet HTML 6Page - ATMEL Corporation AT24HC02B_14 Datasheet HTML 7Page - ATMEL Corporation AT24HC02B_14 Datasheet HTML 8Page - ATMEL Corporation AT24HC02B_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
Features
Write Protect Pin for Hardware Data Protection
– Utilizes Different Array Protection Compared to the AT24C02B
Low-voltage and Standard-voltage Operation
–1.8 (V
CC =1.8Vto5.5V)
Internally Organized 256 x 8 (2K)
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
1 MHz (5V) and 400 kHz (1.8V, 2.5V, 2.7V) Clock Rate
8-byte Page
Partial Page Writes Allowed
Self-timed Write Cycle (5 ms Max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
8-lead PDIP, 8-lead JEDEC SOIC and 8-lead TSSOP Packages
Die Sales: Wafer Form, Tape and Reel, and Bumped Wafers
2.
Description
The AT24HC02B provides 2048 bits of serial electrically erasable and programmable
read-only memory (EEPROM) organized as 256 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low-power
and low-voltage operation are essential. The AT24HC02B is available in space-saving
8-lead PDIP, 8-lead JEDEC SOIC and 8-lead TSSOP packages and is accessed via a
two-wire serial interface. In addition, the entire family is available in 1.8V (1.8V to
5.5V) version.
Table 2-1.
Pin Configuration
Pin Name
Function
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
Two-wire Serial
EEPROM
2K (256 x 8)
AT24HC02B
Not Recommended
for New Design.
Replaced by
AT24HC02C.
Rev. 5134E–SEEPR–3/08
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead PDIP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP


Similar Part No. - AT24HC02B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_14 Datasheet
499Kb / 19P
   Low-voltage and Standard-voltage Operation
More results

Similar Description - AT24HC02B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C04B ATMEL-AT24C04B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C08B ATMEL-AT24C08B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C64B ATMEL-AT24C64B_14 Datasheet
781Kb / 19P
   2-Wire Automotive Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT93C86A_0702 ATMEL-AT93C86A_0702 Datasheet
335Kb / 15P
   Three-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com