Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBCR-2297 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HBCR-2297
Description  Programmable Bar Code Decode ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBCR-2297 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HBCR-2297 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBCR-2297 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBCR-2297 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBCR-2297 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBCR-2297 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HBCR-2297 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HBCR-2297 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HBCR-2297 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HBCR-2297 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
4-55
Table 3. Summary of Commands - HBCR-2210 Series
Features
Description
Scanner Enable
When enabled, scans with the wand or laser are decoded; otherwise, they are
ignored
Hard Reset
Resets decoder IC as though it were just powered up
Soft Reset
Clears pacing conditions, errors
LED Control Selection
Controls the LED On/Off function
Status Requests
Cause the decoder to generate a status message
• General status message showing symbology of last message read, error
conditions, etc.
• Message Ready/Not Ready response (for Single Read Mode 2)
Sound Tone
This command causes the reader to sound a tone at the selected pitch for
approximately 100 milliseconds
Configuration Control
There are three operations that manipulate the decoder configuration as a block.
• Set default configuration
• Save configuration in non-volatile memory
• Recall non-volatile configuration
Execute Pending
For use with laser scanning, this command causes immediate execution of
Command
previous commands that would otherwise be postponed until the laser scan
finishes
Table 4. Summary of Other Features - HBCR-2210 Series
Power Idle Mode
Reduces current draw of processor from approximately 20 mA to 4 mA in
wand mode when the wand is inactive
Laser Failure Timeout
Turns off the laser if the Scan Sync signal is missing after approximately
1 second, and sets the laser failure status bit
Self Test Failure Message
An appropriate message is transmitted at power up if the decoder Self Test
fails.
• ROM SELF TEST FAILED
• EEPROM SELF TEST FAILED
• RAM SELF TEST FAILED
EEPROM Fault
An appropriate message is transmitted at power up if the EEPROM
Recognition
checksum is incorrect.
• EEPROM FAULT


Similar Part No. - HBCR-2297

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
HBCR-1611 HP-HBCR-1611 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
HBCR-1612 HP-HBCR-1612 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
HBCR-1697 HP-HBCR-1697 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
More results

Similar Description - HBCR-2297

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com