Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E34FB24H3X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # E34FB24H3X
Description  E34 Series, Assembled Devices - Momentary Pushbutton and Indicating Light Units
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E34FB24H3X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  E34FB24H3X Datasheet HTML 1Page - List of Unclassifed Manufacturers E34FB24H3X Datasheet HTML 2Page - List of Unclassifed Manufacturers E34FB24H3X Datasheet HTML 3Page - List of Unclassifed Manufacturers E34FB24H3X Datasheet HTML 4Page - List of Unclassifed Manufacturers E34FB24H3X Datasheet HTML 5Page - List of Unclassifed Manufacturers E34FB24H3X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
March 2008
47-170
For more information visit: www.eaton.com
CA08102001E
Pushbuttons & Indicating Lights
47
30.5 mm Corrosion Resistant Watertight/Oiltight
E34 Series, Illuminated Components
Illuminated Pushbuttons and Indicating Lights
Table 47-265. Operators without Lens
These units do not include lamps. Order LED separately to match lens color, see Page 47-157 for LED Selection and Pages 47-193 – 47-194 for Catalog
Numbering Structure.
Resistor units are not available for use with LEDs, choose either transformer or full voltage LED style.
Note: Use NEMA 4X 10250T operators where exposed to ultraviolet light, see Pages 47-115 – 47-165.
Table 47-266. Indicating Light Lens
Glass lens has black anodized aluminum bezel.
Table 47-267. Illuminated Pushbutton Lens
Table 47-268. PresTest Lens
Glass lens has black anodized aluminum bezel.
Light Unit Type
Type
Voltage
Illuminated
Pushbutton
Indicating
Light
PresTest
Lamp Number
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
LED
(LEDs not included)
Full Voltage
E34CB497L
E34FB197L
E34FPB297L
Bayonet
Base
Transformer
AC Only
24
120
240
277
380
480
600
E34XB024L
E34XB120L
E34XB240L
E34XB277L
E34XB380L
E34XB480L
E34XB600L
E34TB120L
E34TB240L
E34TB277L
E34TB380L
E34TB480L
E34TB600L
E34TPB120L
E34TPB240L
E34TPB380L
E34TPB480L
E34TPB600L
Incandescent
Full Voltage
AC/DC
6
12
24
32
48
E34CB06
E34CB12
E34CB24
E34CB32
E34CB48
E34FB06
E34FB12
E34FB24
E34FB32
E34FB48
E34FPB06
E34FPB12
E34FPB24
E34FPB32
E34FPB48
#755
#756
#757
#1828
#1835
Resistor
AC/DC
120
240
E34SB120
E34SB240
E34RB120
E34RB240
E34RPB120
E34RPB240
120MB
120MB
Transformer
AC Only
24
120
240
277
380
480
600
E34XB024
E34XB120
E34XB240
E34XB277
E34XB380
E34XB480
E34XB600
E34TB120
E34TB240
E34TB277
E34TB380
E34TB480
E34TB600
E34TPB120
E34TPB240
E34TPB380
E34TPB480
E34TPB600
#755
Neon
AC/DC
120
240
E34NB120
E34NB240
NE51H-R-22
NE51H-4-68
Color
Plastic
Glass
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
Red
Green
Yellow
White
Blue
Amber
Clear
E34H2
E34H3
E34H4
E34H5
E34H6
E34H9
E34H0
E34G2
E34G3
E34G4
E34G5
E34G6
E34G9
E34G0
Color
Catalog
Number
Price
U.S. $
Red
Green
Yellow
White
Blue
Amber
Clear
E34V2
E34V3
E34V4
E34V5
E34V6
E34V9
E34V0
Glass
Plastic
Color
Plastic
Glass
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
Red
Green
Yellow
White
Blue
Amber
Clear
E34V2
E34V3
E34V4
E34V5
E34V6
E34V9
E34V0
E34P2
E34P3
E34P4
E34P5
E34P6
E34P9
E34P0
Dimensions . . . . . . . . . . . . . . Page 47-191
Enclosures. . . . . . . . . . . . . . . Pages 47-185 – 47-186
Legend Plates . . . . . . . . . . . . Page 47-184
Replacement
Lamps/LEDs . . . . . . . . . . . Page 47-157
Discount Symbol . . . . . . . . . 1CD1C
Glass
Plastic


Similar Part No. - E34FB24H3X

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E34 ZFSWITCHES-E34 Datasheet
1Mb / 5P
   High temperature versions optional
logo
Ferroxcube Internationa...
E34-3C81 FERROXCUBE-E34-3C81 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A250 FERROXCUBE-E34-3C81-A250 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A315 FERROXCUBE-E34-3C81-A315 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A400 FERROXCUBE-E34-3C81-A400 Datasheet
62Kb / 6P
   E cores and accessories
More results

Similar Description - E34FB24H3X

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
logo
List of Unclassifed Man...
U1145 ETC2-U1145 Datasheet
94Kb / 1P
   9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com