Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E34TB120H2X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # E34TB120H2X
Description  E34 Series, Assembled Devices - Momentary Pushbutton and Indicating Light Units
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E34TB120H2X Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  E34TB120H2X Datasheet HTML 1Page - List of Unclassifed Manufacturers E34TB120H2X Datasheet HTML 2Page - List of Unclassifed Manufacturers E34TB120H2X Datasheet HTML 3Page - List of Unclassifed Manufacturers E34TB120H2X Datasheet HTML 4Page - List of Unclassifed Manufacturers E34TB120H2X Datasheet HTML 5Page - List of Unclassifed Manufacturers E34TB120H2X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
March 2008
47-184
For more information visit: www.eaton.com
CA08102001E
Pushbuttons & Indicating Lights
47
30.5 mm Corrosion Resistant Watertight/Oiltight
E34 Series, Legend Plates
Options
Legend Plates
Field Color
Legend plates can be supplied printed
on black, red, silver or white field. To
order legend printed on a color other
than indicated — add Suffix Code to the
end of the Catalog Number as follows:
“R” for Red field;
“W” for White field; or
“S” for Silver field.
Example: E34SP26R — Standard plate
with red field marked OPEN.
Table 47-299. For Pushbutton Operators and
Indicating Lights
3/32" high lettering.
Price Each — U.S. $ . . . . . . . . . . . . . . . . . . . . . .
Legend
Color
of
Field
Catalog Number
Standard
Jumbo
Letters on Legend Plates Below are 3/16" High
CLAMP
CLOSE
DOWN
EMERG. STOP
FAST
Black
Black
Black
Red
Black
E34SP90
E34SP73
E34SP74
E34SP13
E34SP75
E34LP90
E34LP73
E34LP74
E34LP13
E34LP75
FASTER
FEEDER ON
FEEDER OFF
FORWARD
HIGH
Black
Black
Black
Black
Black
E34SP87
E34SP94
E34SP95
E34SP15
E34SP16
E34LP87
E34LP94
E34LP95
E34LP15
E34LP16
IN
INCH
JOG
JOG FOR.
JOG REV.
Black
Black
Black
Black
Black
E34SP17
E34SP18
E34SP19
E34SP20
E34SP21
E34LP17
E34LP18
E34LP19
E34LP20
E34LP21
LOW
LOWER
LUBE-FAIL
MOTOR RUN
MOTOR STOP
Black
Black
Black
Black
Black
E34SP22
E34SP23
E34SP92
E34SP81
E34SP82
E34LP22
E34LP23
E34LP92
E34LP81
E34LP82
OFF
ON
OPEN
OUT
POWER ON
Red
Black
Black
Black
Black
E34SP24
E34SP25
E34SP26
E34SP27
E34SP80
E34LP24
E34LP25
E34LP26
E34LP27
E34LP80
RAISE
READY
RESET
REVERSE
RUN
Black
Black
Black
Black
Black
E34SP28
E34SP86
E34SP29
E34SP30
E34SP31
E34LP28
E34LP86
E34LP29
E34LP30
E34LP31
SAFE
SLOW
SLOWER
START
STOP
Black
Black
Black
Black
Red
E34SP85
E34SP32
E34SP88
E34SP33
E34SP34
E34LP85
E34LP32
E34LP88
E34LP33
E34LP34
TEST
TRANSFER
TRIP
UNCLAMP
UP
Black
Black
Black
Black
Black
E34SP83
E34SP93
E34SP84
E34SP91
E34SP35
E34LP83
E34LP93
E34LP84
E34LP91
E34LP35
Table 47-300. For Selector Switch Operators
Table 47-301. For Push-Pull Units
3/32 inch (2.4 mm) high lettering.
1/8 inch (3.2 mm) high lettering.
Figure 47-128. Approximate Dimensions in
Inches (mm)
Table 47-302. Blank Plastic Legend Plates — Square
Legend Plates with Non-standard Markings or Aluminum Legend Plates
See 10250T listing on Page 47-152.
Price Each — U.S. $. . . . . . . . . . . . . . . . . . . . . . .
Legend
Color
of
Field
Catalog Number
Standard Jumbo
2 Position — 3/16" High Lettering
FOR. REV.
HAND AUTO
HIGH LOW
JOG RUN
MAN. AUTO
Black
Black
Black
Black
Black
E34SP38
E34SP39
E34SP40
E34SP41
E34SP67
E34LP38
E34LP39
E34LP40
E34LP41
E34LP67
OFF ON
OPEN CLOSE
RUN JOG
SAFE RUN
START JOG
Black
Black
Black
Black
Black
E34SP42
E34SP43
E34SP44
E34SP45
E34SP46
E34LP42
E34LP43
E34LP44
E34LP45
E34LP46
START STOP
UP DOWN
Black
Black
E34SP47
E34SP48
E34LP47
E34LP48
3 Position — 3/16" High Lettering
AUTO OFF HAND
FOR. OFF REV.
FOR. SAFE REV.
HAND OFF AUTO
MAN. OFF AUTO
Black
Black
Black
Black
Black
E34SP49
E34SP50
E34SP69
E34SP51
E34SP68
E34LP49
E34LP50
E34LP69
E34LP51
E34LP68
OPEN OFF CLOSE
RUN SAFE JOG
UP OFF DOWN
ON STOP SAFE
Black
Black
Black
Black
E34SP53
E34SP70
E34SP54
E34SP71
E34LP53
E34LP70
E34LP54
E34LP71
Standard
Price Each — U.S. $ . . . . . . . . . . . . . . . . . . . . . .
Legend
Color
of
Field
Catalog Number
Standard Jumbo
PULL ON/
PUSH OFF
PULL OPEN/
PUSH CLOSE
PULL UP/
PUSH DOWN
Black
Black
Black
E34PP5
E34PP8
E34PP11
E34R5
E34R8
E34R11
Jumbo
2.19
(55.6)
Jumbo
1.77
(45)
Standard
2.19
(55.6)
1.77
(45)
Price Each — U.S. $. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Colors
Catalog Number
Lettering
Field
Standard
Jumbo
Extra Large
Side 1
Side 2
Black
White
White
Red
Silver
Black
10250TSP76
10250TSP77
10250TLP76
10250TLP77
10250TEP76
10250TEP77
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C


Similar Part No. - E34TB120H2X

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E34 ZFSWITCHES-E34 Datasheet
1Mb / 5P
   High temperature versions optional
logo
Ferroxcube Internationa...
E34-3C81 FERROXCUBE-E34-3C81 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A250 FERROXCUBE-E34-3C81-A250 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A315 FERROXCUBE-E34-3C81-A315 Datasheet
62Kb / 6P
   E cores and accessories
E34-3C81-A400 FERROXCUBE-E34-3C81-A400 Datasheet
62Kb / 6P
   E cores and accessories
More results

Similar Description - E34TB120H2X

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
logo
List of Unclassifed Man...
U1145 ETC2-U1145 Datasheet
94Kb / 1P
   9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com