Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC0808CRF Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT88SC0808CRF
Description  CryptoRF EEPROM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808CRF Datasheet(HTML) 3 Page - ATMEL Corporation

  AT88SC0808CRF_14 Datasheet HTML 1Page - ATMEL Corporation AT88SC0808CRF_14 Datasheet HTML 2Page - ATMEL Corporation AT88SC0808CRF_14 Datasheet HTML 3Page - ATMEL Corporation AT88SC0808CRF_14 Datasheet HTML 4Page - ATMEL Corporation AT88SC0808CRF_14 Datasheet HTML 5Page - ATMEL Corporation AT88SC0808CRF_14 Datasheet HTML 6Page - ATMEL Corporation AT88SC0808CRF_14 Datasheet HTML 7Page - ATMEL Corporation AT88SC0808CRF_14 Datasheet HTML 8Page - ATMEL Corporation AT88SC0808CRF_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AT88SC0808CRF [Summary Datasheet]
Atmel-5027GS-CryptoRF-AT88SC0808CRF-Datasheet-Summary_012014
3
3.
Communications
All personalization and communication with this device is performed through the RF interface. The IC includes an
integrated tuning capacitor, enabling it to operate with only the addition of a single external coil antenna.
The RF communications interface is fully compliant with the electrical signaling and RF power specifications in ISO/IEC
14443-2:2001 for Type B only. Anticollision operation and frame formatting are compliant with ISO/IEC 14443-3:2001 for
Type B only.
ISO/IEC 14443 nomenclature is used in this specification where applicable. The following abbreviations are utilized
throughout this document. Additional terms are defined in the section in which they are used.
Table 3-1.
Terms
3.1
Anticollision Protocol
When the PICC enters the 13.56MHz RF field of the host reader (PCD), it performs a Power-On Reset (POR) function
and waits silently for a valid Type B Polling command. The CryptoRF PICC processes the anti-tearing registers as part of
the POR process.
The PCD initiates the anticollision process by issuing an REQB or WUPB command. The WUPB command activates any
card (PICC) in the field with a matching AFI code. The REQB command performs the same function but does not affect a
PICC in the Halt state. The CryptoRF command set is available only after the anticollision process has been completed.
3.2
CRC Error Detection
A 2-byte CRC_B is required in each frame transmitted by the PICC or PCD to permit transmission error detection. The
CRC_B is calculated on all of the command and data bytes in the frame. The SOF, EOF, start bits, stop bits, and EGT
are not included in the CRC_B calculation. The 2-byte CRC_B follows the data bytes in the frame.
Figure 3-1. Location of the Two CRC_B Bytes within a Frame
3.3
Type A Tolerance
The RF Interface is designed for use in multi-protocol applications. It will not latch or lock up if exposed to Type A signals
and will not respond to them. The PICC may reset in the presence of Type A field modulation but is not damaged by
exposure to Type A signals.
Abbrev.
Term
Definition
PCD
Proximity Coupling Device
The reader/writer and antenna.
PICC
Proximity Integrated Circuit Card
The tag/card containing the IC and antenna.
RFU
Reserved for Future Use
Any feature, memory location, or bit that is held as reserved for future use.
$ xx
Hexadecimal Number
Denotes a hex number “xx” (Most Significant Bit on left).
SOF
K data bytes
CRC1
CRC2
EOF


Similar Part No. - AT88SC0808CRF_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808CRF-L01B ATMEL-AT88SC0808CRF-L01B Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0808CRF-MR1 ATMEL-AT88SC0808CRF-MR1 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0808CRF-MR1 ATMEL-AT88SC0808CRF-MR1 Datasheet
169Kb / 10P
   13.56 MHz CryptoRF짰 EEPROM Memory 8 Kbits
AT88SC0808CRF-MR1 ATMEL-AT88SC0808CRF-MR1 Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC0808CRF-MS1 ATMEL-AT88SC0808CRF-MS1 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
More results

Similar Description - AT88SC0808CRF_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC3216CRF ATMEL-AT88SC3216CRF_14 Datasheet
414Kb / 11P
   CryptoRF EEPROM Memory
AT88SC6416CRF ATMEL-AT88SC6416CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC1616CRF ATMEL-AT88SC1616CRF_14 Datasheet
411Kb / 11P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
138Kb / 9P
   CryptoRF EEPROM Memory 64 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_06 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
1Mb / 12P
   CryptoRF EEPROM Memory Full Specification
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com