Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNR201 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCNR201
Description  High-Linearity Analog Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCNR201 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCNR201 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCNR201 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCNR201 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCNR201 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCNR201 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCNR201 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCNR201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCNR201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCNR201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1-423
Electrical Specifications
TA = 25°C unless otherwise specified.
Parameter
Symbol
Device
Min.
Typ. Max.
Units
Test Conditions
Fig.
Note
Transfer Gain
K3
HCNR200
0.85
1.00
1.15
5 nA < IPD < 50 µA,
2,3
1
0 V < VPD < 15 V
HCNR201
0.95
1.00
1.05
5 nA < IPD < 50 µA,
1,2
0 V < VPD < 15 V
HCNR201
0.93
1.00
1.07
-40
°C < T
A < 85°C,
1,2
5 nA < IPD < 50 µA,
0 V < VPD < 15 V
Temperature
∆K
3/∆TA
-65
ppm/
°C-40°C < T
A < 85°C,
2,3
Coefficient of
5 nA < IPD < 50 µA,
Transfer Gain
0 V < VPD < 15 V
DC NonLinearity
NLBF
HCNR200
0.01
0.25
%
5 nA < IPD < 50 µA, 4,5,
3
(Best Fit)
0 V < VPD < 15 V
6
HCNR201
0.01
0.05
5 nA < IPD < 50 µA,
2,3
0 V < VPD < 15 V
HCNR201
0.01
0.07
-40
°C < T
A < 85°C,
2,3
5 nA < IPD < 50 µA,
0 V < VPD < 15 V
DC Nonlinearity
NLEF
0.016
5 nA < IPD < 50 µA,
4
(Ends Fit)
0 V < VPD < 15 V
Input Photo-
K1
HCNR200
0.25
0.50
0.75
%
IF = 10 mA,
7
2
diode Current
0 V < VPD1 < 15 V
Transfer Ratio
HCNR201
0.36
0.48
0.72
(IPD1/IF)
Temperature
∆K
1/∆TA
-0.3
%/
°C-40°C < T
A < 85°C,
7
Coefficient
IF = 10 mA
of K1
0 V < VPD1 < 15 V
Photodiode
ILK
0.5
25
nA
IF = 0 mA,
8
Leakage Current
0 V < VPD < 15 V
Photodiode
BVRPD
30
150
V
IR = 100 µA
Reverse Break-
down Voltage
Photodiode
CPD
22
pF
VPD = 0 V
Capacitance
LED Forward
VF
1.3
1.6
1.85
V
IF = 10 mA
9,
Voltage
10
1.2
1.6
1.95
IF = 10 mA,
-40
°C < T
A < 85°C
LED Reverse
BVR
2.5
9
V
IF = 100 µA
Breakdown
Voltage
Temperature
∆V
F/∆TA
-1.7
mV/
°CI
F = 10 mA
Coefficient of
Forward Voltage
LED Junction
CLED
80
pF
f = 1 MHz,
Capacitance
VF = 0 V


Similar Part No. - HCNR201

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers Allows fl exible circuit design
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
More results

Similar Description - HCNR201

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers Allows fl exible circuit design
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com