Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7540PA Datasheet(PDF) 5 Page - NEC

Part # NDL7540PA
Description  1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7540PA Datasheet(HTML) 5 Page - NEC

  NDL7540PA Datasheet HTML 1Page - NEC NDL7540PA Datasheet HTML 2Page - NEC NDL7540PA Datasheet HTML 3Page - NEC NDL7540PA Datasheet HTML 4Page - NEC NDL7540PA Datasheet HTML 5Page - NEC NDL7540PA Datasheet HTML 6Page - NEC NDL7540PA Datasheet HTML 7Page - NEC NDL7540PA Datasheet HTML 8Page - NEC NDL7540PA Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P13854EJ3V0DS00
5
NX8501 Series
TYPICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
0.04
0.08
0.12
0.16
0.20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
10
020
30
40
50
60
0.5
1.0
1.5
1 500
1 510
1 520
0
0
10
20
30
40
50
60
10
20
30
40
50
60
70
–10
0
10
2030
4050
60
70
0.5
0
10
–70
–60
–50
–40
–30
–20
–10
0
20
40
30
50
1.0
1.5
2.0
–10
OUTPUT POWER FROM FIBER vs.
FORWARD CURRENT
Forward Current IF (mA)
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
Ith
Iop@Pf = 2.0 mW
TC = 0 ˚C
25 ˚C
65 ˚C
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY FROM FIBER
Case Temperature TC (˚C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
OUTPUT POWER FROM FIBER vs.
LD MONITOR CURRENT
LD Monitor Current Im (mA)
LONGITUDINAL MODE FROM FIBER
Wavelength
λ (nm)


Similar Part No. - NDL7540PA

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7540PA NEC-NDL7540PA Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
logo
Renesas Technology Corp
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
   LASER DIODE
1995
NDL7540PAC RENESAS-NDL7540PAC Datasheet
195Kb / 10P
   LASER DIODE
1995
NDL7540PAD RENESAS-NDL7540PAD Datasheet
195Kb / 10P
   LASER DIODE
1995
More results

Similar Description - NDL7540PA

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
California Eastern Labs
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NX7660JC NEC-NX7660JC Datasheet
65Kb / 12P
   InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com