Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-261A Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-261A
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-261A Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-261A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1-166
H
HCMOS Compatible, High CMR,
10 MBd Optocouplers
Technical Data
Features
• HCMOS/LSTTL/TTL
Performance Compatible
• 1000 V/
µs Minimum
Common Mode Rejection
(CMR) at VCM = 50 V (HCPL-
261A Family) and 15 kV/
µs
Minimum CMR at VCM =
1000 V (HCPL-261N Family)
• High Speed: 10 MBd Typical
• AC and DC Performance
Specified over Industrial
Temperature Range -40
°C to
+85
°C
• Available in 8 Pin DIP,
SOIC-8 Packages
• Safety Approval
UL Recognized per UL1577
2500 V rms for 1 minute and
5000 V rms for 1 minute
(Option 020)
CSA Approved
VDE 0884 Approved with
VIORM = 630 V peak for
HCPL-261A/261N
Option 060
Applications
• Low Input Current (3.0 mA)
HCMOS Compatible Version
of 6N137 Optocoupler
• Isolated Line Receiver
• Simplex/Multiplex Data
Transmission
• Computer-Peripheral
Interface
• Digital Isolation for A/D,
D/A Conversion
• Switching Power Supplies
• Instrumentation
Input/Output Isolation
• Ground Loop Elimination
• Pulse Transformer
Replacement
Description
The HCPL-261A family of optically
coupled gates shown on this data
sheet provide all the benefits of the
industry standard 6N137 family
with the added benefit of HCMOS
HCPL-261A HCPL-061A
HCPL-263A HCPL-063A
HCPL-261N HCPL-061N
HCPL-263N HCPL-063N
compatible input current. This
allows direct interface to all
common circuit topologies without
additional LED buffer or drive
components. The AlGaAs LED
used allows lower drive currents
and reduces degradation by using
the latest LED technology. On the
single channel parts, an enable
output allows the detector to be
strobed. The output of the detector
IC is an open collector schottky-
clamped transistor. The internal
shield provides a minimum
common mode transient immunity
of 1000 V/
µs for the HCPL-261A
family and 15000 V/
µs for the
HCPL-261N family.
The connection of a 0.1
µF bypass capacitor between pins 5 and 8 is required.
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
1
2
3
4
8
7
6
5
CATHODE
ANODE
GND
V
VCC
O
1
2
3
4
8
7
6
5
ANODE 2
CATHODE 2
CATHODE 1
ANODE 1
GND
V
VCC
O2
VE
VO1
HCPL-261A/261N
HCPL-061A/061N
HCPL-263A/263N
HCPL-063A/063N
NC
NC
SHIELD
SHIELD
LED
ON
OFF
ON
OFF
ON
OFF
ENABLE
H
H
L
L
NC
NC
OUTPUT
L
H
H
H
L
H
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
TRUTH TABLE
(POSITIVE LOGIC)
5965-3593E


Similar Part No. - HCPL-261A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-261A HP-HCPL-261A Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-261A HP-HCPL-261A Datasheet
159Kb / 15P
   遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
More results

Similar Description - HCPL-261A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com