Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCK3024S5V1 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCK3024S5V1
Description  2 1 Input Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCK3024S5V1 Datasheet(HTML) 1 Page - XP Power Limited

  JCK3024S5V1 Datasheet HTML 1Page - XP Power Limited JCK3024S5V1 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
30 Watts
2:1 Input Range
High Power Density
Single and Dual Outputs
High Efficiency
Up to 92%
Remote On/Off
1600 VDC Isolation
3 Year Warranty
JCK30 Series
Input
Input Voltage Range
• 12 V (9-18 VDC),
24 V (18-36 VDC),
48 V (36-75 VDC)
Input Current
• See table
Undervoltage Lockout
• 12 V models: ON 8.6 V, OFF 7.9 V typical
24 V models: ON 17.8 V, OFF 16 V typical
48 V models: ON 33.5 V, OFF 30.5 V typical
Input Surge
• 12 V models 25 VDC for 100 ms
24 V models 50 VDC for 100 ms
48 V models 100 VDC for 100 ms
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% on single outputs models only
Minimum Load
• No minimum load required
Line Regulation
• ±0.5% max
Load Regulation
• Single output models: ±0.5% max
Dual output models: ±1% max
balanced outputs
Cross Regulation
• ±5%, see note 2
Setpoint Accuracy
• ±1%
Start Up Time
• 30 ms typical
Ripple & Noise
• 100 mV or 1% pk-pk, whichever is
greater,
20 MHz bandwidth, see note 3
Transient Response
• 3% max deviation, recovery to within
1% in <250 µs for a 25% load change
Temperature
• 0.02%/˚C
Coefficient
Overvoltage Protection
• 3.3 V models: 3.9 V typical
5 V models: 6.2 V typical
12 V models: 15 V typical
15 V models: 18 V typical
±5 V models: ±6.2 V typical
±12 V models: ±15 V typical
±15 V models: ±18 V typical
Overload Protection
• >150%
Short Circuit Protection
• Trip & restart (Hiccup mode),
auto recovery
Remote On/Off
• On = Logic High (>3.0) or Open
Off = Logic Low (<1.2 V) or short pin 2
to 3
xppower.com
General
Efficiency
• See table
Isolation
• 1600 VDC Input to Output
1600 VDC Input to Case
1600 VDC Output to Case
Isolation Capacitance
• 1500 pF typical
Switching Frequency
• 330 kHz typical
MTBF
• 430 kHrs min to MIL-HDBK-217F
at 25 ˚C, GB
Environmental
Operating Temperature
• -40 ˚C to +75 ˚C, see derating curve
Case Temperature
• +105 ˚C max
Cooling
• Convection-cooled
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 ˚C to +125 ˚C


Similar Part No. - JCK3024S5V1

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCK3024S5V1 XPPOWER-JCK3024S5V1 Datasheet
101Kb / 2P
   30 Watts JCK Series
More results

Similar Description - JCK3024S5V1

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0512S05 XPPOWER-JCD0512S05 Datasheet
201Kb / 4P
   2 1 Input Range
SF_JCK15 XPPOWER-SF_JCK15 Datasheet
287Kb / 2P
   2:1 Input Range
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
   2 1 Input Range
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
logo
Wall Industries,Inc.
DCHF100W WALL-DCHF100W Datasheet
191Kb / 4P
   2:1 Input Voltage Range
DCHF600W WALL-DCHF600W Datasheet
150Kb / 4P
   2:1 Input Voltage Range
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com