Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

114-2003-0-71 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 114-2003-0-71
Description  IP67 waterproof protected heavy duty metal shell connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

114-2003-0-71 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  114-2003-0-71 Datasheet HTML 1Page - List of Unclassifed Manufacturers 114-2003-0-71 Datasheet HTML 2Page - List of Unclassifed Manufacturers 114-2003-0-71 Datasheet HTML 3Page - List of Unclassifed Manufacturers 114-2003-0-71 Datasheet HTML 4Page - List of Unclassifed Manufacturers 114-2003-0-71 Datasheet HTML 5Page - List of Unclassifed Manufacturers 114-2003-0-71 Datasheet HTML 6Page - List of Unclassifed Manufacturers 114-2003-0-71 Datasheet HTML 7Page - List of Unclassifed Manufacturers 114-2003-0-71 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
142
JR-W SeriesIP67 waterproof protected heavy duty metal shell connectors
Cable clamp
HRS No.
Product No.
ØA
ØB
C
D
E
Description
114-2045-0-71
JR13WCC-4(71)
4
20
17
M16×0.75
17
114-2046-3-71
JR13WCC-5(71)
5
20
17
M16×0.75
17
114-2047-6-71
JR13WCC-6(71)
6
20
17
M16×0.75
17
114-2048-9-71
JR13WCC-7(71)
7
20
17
M16×0.75
17
114-2049-1-71
JR13WCC-8(71)
8
20
17
M16×0.75
17
114-2050-0-71
JR13WCC-9(71)
9
20
17
M16×0.75
17
114-2051-3-71
JR13WCC-10(71)
10
20
17
M16×0.75
17
114-2052-6-71
JR16WCC-4(71)
4
23
17.5
M20×0.75
21
114-2053-9-71
JR16WCC-6(71)
6
23
17.5
M20×0.75
21
114-2054-1-71
JR16WCC-8(71)
8
23
17.5
M20×0.75
21
114-2055-4-71
JR16WCC-10(71)
10
23
17.5
M20×0.75
21
114-2056-7-71
JR16WCC-12(71)
12
23
17.5
M20×0.75
21
114-2057-0-71
JR21WCC-6(71)
6
27
17.5
M24×0.75
25.4
114-2058-2-71
JR21WCC-8(71)
8
27
17.5
M24×0.75
25.4
114-2059-5-71
JR21WCC-10(71)
10
27
17.5
M24×0.75
25.4
114-2060-4-71
JR21WCC-12(71)
12
27
17.5
M24×0.75
25.4
114-2061-7-71
JR21WCC-14(71)
14
27
17.5
M24×0.75
25.4
114-2062-0-71
JR21WCC-16(71)
16
27
17.5
M24×0.75
25.4
114-2063-2-71
JR25WCC-8(71)
8
31
18
M28×0.75
29
114-2063-2-72
JR25WCC-8(72)
8
31
18
M28×0.75
29
Gasket:Silicon
114-2064-5-71
JR25WCC-10(71)
10
31
18
M28×0.75
29
114-2064-5-72
JR25WCC-10(72)
10
31
18
M28×0.75
29
Gasket:Silicon
114-2065-8-71
JR25WCC-12(71)
12
31
18
M28×0.75
29
114-2065-8-72
JR25WCC-12(72)
12
31
18
M28×0.75
29
Gasket:Silicon
114-2066-0-71
JR25WCC-14(71)
14
31
18
M28×0.75
29
114-2066-0-72
JR25WCC-14(72)
14
31
18
M28×0.75
29
Gasket:Silicon
114-2067-3-71
JR25WCC-16(71)
16
31
18
M28×0.75
29
114-2067-3-72
JR25WCC-16(72)
16
31
18
M28×0.75
29
Gasket:Silicon
114-2068-6-71
JR25WCC-18(71)
18
31
18
M28×0.75
29
114-2068-6-72
JR25WCC-18(72)
18
31
18
M28×0.75
29
Gasket:Silicon
114-2157-4-71
JR25WCC-15(71)
15
31
18
M28×0.75
29
(This shape is one example)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - 114-2003-0-71

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
114-000-01-51 MARL-114-000-01-51 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
logo
List of Unclassifed Man...
114-0024 ETC2-114-0024 Datasheet
2Mb / 54P
   standard straight tips
114-0025 ETC2-114-0025 Datasheet
2Mb / 54P
   standard straight tips
logo
Amphenol Corporation
114-00841 AMPHENOL-114-00841 Datasheet
210Kb / 2P
   d-sub technical data
114-00841-68 AMPHENOL-114-00841-68 Datasheet
168Kb / 2P
   Amphenol Shouhmin industry
More results

Similar Description - 114-2003-0-71

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
RHD-0700-1500-F9PZR67PR BIVAR-RHD-0700-1500-F9PZR67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PZ67PR BIVAR-RHD-0700-1500-F9PZ67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PS67PR BIVAR-RHD-0700-1500-F9PS67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PZB67PR BIVAR-RHD-0700-1500-F9PZB67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-2000-F9PD67PR BIVAR-RHD-0700-2000-F9PD67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PZY67PR BIVAR-RHD-0700-1500-F9PZY67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-2000-F9P67PR BIVAR-RHD-0700-2000-F9P67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PD67PR BIVAR-RHD-0700-1500-F9PD67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9P67PR BIVAR-RHD-0700-1500-F9P67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
RHD-0700-1500-F9PZG67PR BIVAR-RHD-0700-1500-F9PZG67PR Datasheet
177Kb / 2P
   IP67 Rigid Heavy Duty Light Pipe
01/18/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com