Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3101 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-3101
Description  Power MOSFET/IGBT Gate Drive Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3101 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-3101 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3101 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3101 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3101 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3101 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3101 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3101 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3101 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3101 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1-341
limiting resistor R
2 which is
necessary in order to prevent
damage to the output transistors
Q1 and Q2. (See Note 7.) A
bypass capacitor C
1 is also recom-
mended to reduce power supply
noise.
Recommended Protection
for Output Transistors
During switching transitions, the
output transistors Q1 and Q2 of
the HCPL-3100/3101 can conduct
large amounts of current. Figure
1 describes a recommended
circuit design showing a current
Recommended Operating Conditions
Parameter
Symbol
Device
Min.
Max.
Units
Power Supply Voltage
VCC
15
30*
V
15
24
V
Input Current (ON)
I
F(ON)
HCPL-3100
12**
24
mA
HCPL-3101
8**
16
mA
Input Current (OFF)
I
F(OFF)
HCPL-3100
-
0.6
mA
HCPL-3101
-
0.2
mA
Operating Temperature
TA
-25
80
°C
*For TA = -10°C to 60°C.
**The initial switching threshold is 10 mA or less for the HCPL-3100 and 5 mA or less for the HCPL-3101.
Figure 1. Recommended Output Transistor Protection and Typical Application Circuit.
8
7
6
5
Q2
Q1
+5 V
R
TTL
OR
LSTTL
ANODE
CATHODE
3
R2
12V
C 1
12V
+ HVDC
3-PHASE
AC
- HVDC
IGBT
(OR
MOSFET)
HCPL-3100/1
TOTEM
POLE
OUTPUT
GATE
CONTROL
INPUT
R = 25 - 100
R = 180
Ω (HCPL-3100)
240
Ω (HCPL-3101)
BYPASS CAPACITOR C = 0.1
µF
2
3
1


Similar Part No. - HCPL-3101

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results

Similar Description - HCPL-3101

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com