Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA8202 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA8202
Description  UHF ASK/FSK Receiver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8202 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA8202_14 Datasheet HTML 2Page - ATMEL Corporation ATA8202_14 Datasheet HTML 3Page - ATMEL Corporation ATA8202_14 Datasheet HTML 4Page - ATMEL Corporation ATA8202_14 Datasheet HTML 5Page - ATMEL Corporation ATA8202_14 Datasheet HTML 6Page - ATMEL Corporation ATA8202_14 Datasheet HTML 7Page - ATMEL Corporation ATA8202_14 Datasheet HTML 8Page - ATMEL Corporation ATA8202_14 Datasheet HTML 9Page - ATMEL Corporation ATA8202_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ATA8201/ATA8202 [DATASHEET]
4971G–INDCO–09/14
6
2.
RF Receiver
As seen in Figure 1-3 on page 5, the RF receiver consists of a low-noise amplifier (LNA), a local oscillator, and the signal
processing part with mixer, IF filter, IF amplifier with analog RSSI, FSK/ASK demodulator, data filter, and data slicer.
In receive mode, the LNA pre-amplifies the received signal which is converted down to a 440-kHz intermediate frequency
(IF), then filtered and amplified before it is fed into an FSK/ASK demodulator, data filter, and data slicer. The received signal
strength indicator (RSSI) signal is available at the pin RSSI.
2.1
Low-IF Receiver
The receive path consists of a fully integrated low-IF receiver. It fulfills the sensitivity, blocking, selectivity, supply voltage,
and supply current specification needed to design, e.g., an industrial/ aftermarket integrated receiver for RKE and TPM
systems. A benefit of the integrated receive filter is that no external components needed.
At 315MHz, the Atmel® ATA8201 receiver (433.92MHz for the Atmel ATA8202 receiver) has a typical system noise figure of
6.0dB (7.0dB), a system I1dBCP of –31dBm (–30dBm), and a system IIP3 of –24dBm (–23dBm). The signal path is linear for
out-of-band disturbers up to the I1dBCP and hence there is no AGC or switching of the LNA needed, and a better blocking
performance is achieved. This receiver uses an IF (intermediate frequency) of 440kHz, the typical image rejection is 30dB
and the typical 3-dB IF filter bandwidth is 420kHz (fIF = 440kHz ± 210kHz, flo_IF = 230kHz and fhi_IF = 650kHz). The
demodulator needs a signal-to-noise ratio of 8.5dB for 10Kbits/s Manchester with ±38kHz frequency deviation in FSK mode,
thus, the resulting sensitivity at 315MHz (433.92MHz) is typically –105dBm (–104dBm).
Due to the low phase noise and spurs of the synthesizer together with the 8th-order integrated IF filter, the receiver has a
better selectivity and blocking performance than more complex double superhet receivers, without using external
components and without numerous spurious receiving frequencies.
A low-IF architecture is also less sensitive to second-order intermodulation (IIP2) than direct conversion receivers where
every pulse or amplitude modulated signal (especially the signals from TDMA systems like GSM) demodulates to the
receiving signal band at second-order non-linearities.
2.2
Input Matching at LNA_IN
The measured input impedances as well as the values of a parallel equivalent circuit of these impedances can be seen in
Table 2-1. The highest sensitivity is achieved with power matching of these impedances to the source impedance.
The matching of the LNA input to 50
Ω is done using the circuit shown in Figure 2-1 and the values of the matching elements
given in Table 2-2. The reflection coefficients were always ≤ –10dB. Note that value changes of C1 and L1 may be
necessary to compensate individual board layout parasitics. The measured typical FSK and ASK Manchester-code
sensitivities with a bit error rate (BER) of 10–3 are shown in Table 2-3 and Table 2-4 on page 7. These measurements were
done with wire-wound inductors having quality factors reported in Table 2-2, resulting in estimated matching losses of 0.8dB
at 315MHz and 433.92MHz. These losses can be estimated when calculating the parallel equivalent resistance of the
inductor with Rloss =2 ×π × f × L × QL and the matching loss with 10 log(1+RIn_p /Rloss).
Figure 2-1. Input Matching to 50
Ω
Table 2-1.
Measured Input Impedances of the LNA_IN Pin
fRF [MHz]
ZIn(RF_IN) [Ω]
RIn_p//CIn_p [pF]
315
(72.4 – j298)
1300
Ω//1.60
433.92
(55 – j216)
Ω
900
Ω//1.60
RFIN
14
C1
L1
LNA_IN
ATA8201/ATA8202


Similar Part No. - ATA8202_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8202-PXQW ATMEL-ATA8202-PXQW Datasheet
674Kb / 44P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA8202_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com