Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7460LE Datasheet(PDF) 7 Page - NEC

Part # NX7460LE
Description  1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX7460LE Datasheet(HTML) 7 Page - NEC

Back Button NX7460LE Datasheet HTML 3Page - NEC NX7460LE Datasheet HTML 4Page - NEC NX7460LE Datasheet HTML 5Page - NEC NX7460LE Datasheet HTML 6Page - NEC NX7460LE Datasheet HTML 7Page - NEC NX7460LE Datasheet HTML 8Page - NEC NX7460LE Datasheet HTML 9Page - NEC NX7460LE Datasheet HTML 10Page - NEC NX7460LE Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet P13854EJ3V0DS00
7
NX8501 Series
LD FAMILY FOR DENSE WDM APPLICATION
Absolute Maximum Ratings
Typical Characteristics
Part Number
TC
(
°C)
Tstg
(
°C)
Ith
(mA)
Pf
(mW)
λC
(nm)
Description
Package
TYP.
MIN.
TYP.
NDL7540PA
−20 to +65
−40 to +85
40
90
1 480
1 480 nm pump LD
module
BFY
NX7460LE
*1
−20 to +65
−40 to +85
25
120
1 480
1 480 nm pump LD
module
BFY
NX8501 Series
0 to +65
−40 to +85
20
2
1 510
Telemetry
Coaxial
NX8561JC
*1
0 to +65
−40 to +85
20
3
1 510
Telemetry
DIP
NX7660JC
*1
−20 to +65
−40 to +85
15
5
1 625
Telemetry
DIP
NDL7910P
−20 to +70
−40 to +85
7
0.5
1 550
*2
2.5 G EA modulator
integrated module
BFY
NX8562LB
−20 to +65
−40 to +85
20
20
1 550
*2
1 550 CW LD module
BFY
NX8563LB
−20 to +65
−40 to +85
20
10
ITU-T
*3
1 550 CW LD module
BFY
*1 Under development
*2 Wavelength selectable for ITU-T standards upon request.
*3 Wavelength selectable for ITU-T standards.


Similar Part No. - NX7460LE

ManufacturerPart #DatasheetDescription
logo
NEC
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
65Kb / 12P
   InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
logo
Renesas Technology Corp
NX7460LE RENESAS-NX7460LE Datasheet
207Kb / 10P
   LASER DIODE
2001
logo
NEC
NX7460LE-BA NEC-NX7460LE-BA Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
logo
Renesas Technology Corp
NX7460LE-BA RENESAS-NX7460LE-BA Datasheet
207Kb / 10P
   LASER DIODE
2001
More results

Similar Description - NX7460LE

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
California Eastern Labs
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NX7660JC NEC-NX7660JC Datasheet
65Kb / 12P
   InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com