Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1045 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRB1045
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRB1045 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRB1045 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0724, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR1035/MBRB1035
MBR1045/MBRB1045
D2PAK
Dimensions in
millimeters
Symbol
Min.
Typical
Max.
A
4.55
4.70
4.85
A1
0
0.10
0.25
A2
2.59
2.69
2.89
b
0.71
0.81
0.96
b1
1.27
c
0.36
0.38
0.61
c1
1.17
1.27
1.37
D
8.55
8.70
8.85
D1
6.40
E
10.01
10.16
10.31
E1
7.6
E2
9.98
10.08
10.18
e
2.54
H
14.6
15.1
15.6
L
2.00
2.30
2.70
L1
1.17
1.27
1.40
L2
2.20
L3
0.25BSC
e
0
-
e1
e2
e3


Similar Part No. - MBRB1045

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1045 GE-MBRB1045 Datasheet
71Kb / 2P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB1045 GOOD-ARK-MBRB1045 Datasheet
255Kb / 3P
   Schottky Barrier Rectifiers
logo
International Rectifier
MBRB1045 IRF-MBRB1045 Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB1045 VISHAY-MBRB1045 Datasheet
106Kb / 6P
   Schottky Rectifier, 10 A
Revision: 22-Aug-08
logo
ON Semiconductor
MBRB1045 ONSEMI-MBRB1045 Datasheet
83Kb / 6P
   SWITCHMODE Schottky Power Rectifier Surface Mount Power Package
February, 2006 ??Rev. 6
More results

Similar Description - MBRB1045

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com