Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1660 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBR1660
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR1660 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR1660 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR1660 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR1660 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR1660 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR1660 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0728, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR1650/MBRB1650
MBR1660/MBRB1660
Marking Diagram:
Where XXXXX is YYWWL
MBR
= Device Type
B
= Package type
16
= Forward Current (16A)
50
= Reverse Voltage (50V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
MBR1650
MBRB1650
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBR1650
TO-220AC(Pb-Free)
50pcs/ tube
MBRB1650
D²PAK (Pb-Free)
800pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
50(MBR1650,
MBRB1650)
60(MBR1660-,
MBRB1660)
V
Max. Average Forward
Current
IF(AV)
50% duty cycle @TC = 135°C,
rectangular wave form
16
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine pulse
150
A


Similar Part No. - MBR1660

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1660 FAIRCHILD-MBR1660 Datasheet
36Kb / 3P
   16 Ampere Schottky Barrier Rectifiers
logo
Thinki Semiconductor Co...
MBR1660 THINKISEMI-MBR1660 Datasheet
734Kb / 2P
   16.0 Ampere Heatsink Type Single Schottky Barrier Rectifiers
logo
SEMTECH ELECTRONICS LTD...
MBR1660 SEMTECH_ELEC-MBR1660 Datasheet
352Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1660 KERSEMI-MBR1660 Datasheet
936Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Diodes Incorporated
MBR1660 DIODES-MBR1660 Datasheet
65Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
More results

Similar Description - MBR1660

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com