Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7800 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-7800
Description  High CMR Isolation Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7800 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7800 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
1-226
Figure 10. 200 mV Nonlinearity Drift
vs. Temperature.
Figure 11. 200 mV Nonlinearity Drift
vs. VDD1 (VDD2 = 5 V).
Figure 12. 200 mV Nonlinearity Drift
vs. VDD2 (VDD1 = 5 V).
Figure 18. Typical Output Supply
Current vs. Input Voltage.
Figure 16. Typical Input Current vs.
Input Voltage.
Figure 17. Typical Input Supply
Current vs. Input Voltage.
Figure 13. 100 mV Nonlinearity Error
Plot.
Figure 14. Typical Output Voltages vs.
Input Voltage.
Figure 15. Typical Input Current vs.
Input Voltage.
0.10
0.05
0
-0.05
-40
-20
0
20
40
60
80
100
0.15
-0.10
T – TEMPERATURE – °C
A
MEAN
± 2 SIGMA
0.04
0.02
0
-0.02
4.6
4.8
5.0
5.2
5.4
5.6
0.06
-0.04
V
– INPUT SUPPLY VOLTAGE – V
DD1
-0.06
MEAN
± 2 SIGMA
4.4
0.04
0.02
0
-0.02
4.6
4.8
5.0
5.2
5.4
5.6
0.06
-0.04
V
– OUTPUT SUPPLY VOLTAGE – V
DD2
MEAN
± 2 SIGMA
4.4
0.05
0
-0.05
-0.10
-0.05
0
0.05
0.10
0.10
-0.15
V
– INPUT VOLTAGE – V
IN
-0.10
-0.20
MEAN
± 2 SIGMA
0.15
3.0
2.5
2.0
1.5
-0.4
-0.2
0
0.2
3.5
1.0
V
– INPUT VOLTAGE – V
IN
-0.6
4.0
0.4
0.6
POSITIVE
OUTPUT
(PIN 7)
NEGATIVE
OUTPUT
(PIN 6)
-400
-600
-800
-1000
-0.1
0
0.1
0.2
-200
-1200
V
– INPUT VOLTAGE – V
IN
-0.2
0
-2
-4
-6
-8
-2
0
2
4
0
-10
V
– INPUT VOLTAGE – V
IN
-4
2
-6
6
9.5
9.0
8.5
-0.1
0
0.1
0.2
10.0
V
– INPUT VOLTAGE – V
IN
-0.2
10.5
-0.3
0.3
-0.4
0.4
T = -40°C
T = 25°C
T = 85°C
A
A
A
10.5
10.0
12.0
-0.1
0
0.1
0.2
11.0
V
– INPUT VOLTAGE – V
IN
-0.2
11.5
-0.3
0.3
-0.4
0.4
T = 85°C
T = 25°C
T = -40°C
A
A
A


Similar Part No. - HCPL-7800

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800 HP-HCPL-7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7800

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPCL7800 HP-HPCL7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7820 HP-HCPL-7820 Datasheet
228Kb / 15P
   High CMR Analog Isolation Amplifiers
logo
List of Unclassifed Man...
284J ETC-284J Datasheet
38Kb / 1P
   High CMV, High Performance Isolation Amplifiers
logo
Intronics Power, Inc.
248J INTRONICS-248J Datasheet
1Mb / 6P
   High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
277 ETC1-277 Datasheet
67Kb / 1P
   Precision Isolation Amplifier High CMV/CMR,-5V Floating
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com