Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7825 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-7825
Description  High CMR Analog Isolation Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7825 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7825 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7825 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
1-243
Figure 19. Amplitude Response vs.
Frequency.
Figure 20. 3 dB Bandwidth vs.
Temperature.
Figure 21. RMS Input-Referred Noise
vs. Recommended Application Circuit
Bandwidth.
f – FREQUENCY – kHz
0
5
-4
1
500
10
-2
-1
-3
50 100
VDD1 = 5 V
VDD2 = 5 V
TA = 25 °C
TA – TEMPERATURE – °C
260
-20
0
190
-40
100
20
230
250
210
40
60
80
240
220
200
VDD1 = 5 V
VDD2 = 5 V
Figure 16. Isolation Mode Rejection Test Circuit.
Figure 15. Output Supply Current vs.
Input Voltage.
VIN+ – INPUT VOLTAGE – V
12
-0.2
0
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
8
TA = 100°C
-0.4
0.4
0.2
TA = -40°C
10
TA = 25°C
11
9
Figure 17. Propagation Delay, Rise/Fall Time and Bandwidth Test Circuit.
Figure 18. Propagation Delays and
Rise/Fall Time vs. Temperature.
TA – TEMPERATURE – °C
3.0
-20
0
1.0
DELAY TO 90%
-40
100
20
RISE/FALL TIME
2.0
DELAY TO 50%
2.5
1.5
40
60
80
VIN– = 0 V
VIN+ = 0 TO 100 mV STEP
VDD1 = 5 V
VDD2 = 5 V
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7820/7825
5
2
4
2 K
2 K
78L05
+15 V
0.1 µF
0.1 µF
-15 V
+
MC34081
75
pF
IN OUT
0.1
µF
0.1
µF
9 V
PULSE GEN.
VIM
+
10 K
10 K
75 pF
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7820/7825
5
2
4
2 K
2 K
+15 V
0.1 µF
0.1 µF
-15 V
+
MC34081
0.1 µF
10 K
10 K
0.01 µF
VDD1
VIN
f – FREQUENCY – kHz
3.0
10
0
VIN+ = 200 mV
5
1000
50
VIN+ = 0 mV
1.5
VIN+ = 100 mV
2.5
0.5
100
500
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25 °C
2.0
1.0


Similar Part No. - HCPL-7825

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800 HP-HCPL-7800 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800 HP-HCPL-7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7825

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPCL7800 HP-HPCL7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800 HP-HCPL-7800 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
logo
Silicon Laboratories
AN614 SILABS-AN614 Datasheet
1Mb / 10P
   A SIMPLE ALTERNATIVE TO ANALOG ISOLATION AMPLIFIERS
logo
List of Unclassifed Man...
284J ETC-284J Datasheet
38Kb / 1P
   High CMV, High Performance Isolation Amplifiers
logo
Intronics Power, Inc.
248J INTRONICS-248J Datasheet
1Mb / 6P
   High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
277 ETC1-277 Datasheet
67Kb / 1P
   Precision Isolation Amplifier High CMV/CMR,-5V Floating
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com